Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP01A-20-41PW005 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # SP01A-20-41PW005
Description  Proprietary/MIL-C-26482, Series 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP01A-20-41PW005 Datasheet(HTML) 5 Page - Amphenol Corporation

  SP01A-20-41PW005 Datasheet HTML 1Page - Amphenol Corporation SP01A-20-41PW005 Datasheet HTML 2Page - Amphenol Corporation SP01A-20-41PW005 Datasheet HTML 3Page - Amphenol Corporation SP01A-20-41PW005 Datasheet HTML 4Page - Amphenol Corporation SP01A-20-41PW005 Datasheet HTML 5Page - Amphenol Corporation SP01A-20-41PW005 Datasheet HTML 6Page - Amphenol Corporation SP01A-20-41PW005 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
9
ND
L
ND
XL
TERMINATION ASSEMBLIES
“A” General Duty
PT06A-XX-XXX
SP06A-XX-XXX
PTG06A-XX-XXX
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
PT06A-XX-XXX (SR)
SP06A-XX-XXX (SR)
PTG06A-XX-XXX (SR)
PT06E-XX-XXX (SR)
SP06E-XX-XXX (SR)
PTG06E-XX-XXX (SR)
PT06P-XX-XXX (SR)
SP06P-XX-XXX (SR)
PTG06P-XX-XXX (SR)
MS3116F-XX-XXX
“E” Open Wire Seal
PT06E-XX-XXX
SP06E-XX-XXX
PTG06E-XX-XXX
MS3116E-XX-XXX
“P” Potting Boot
PT06P-XX-XXX
SP06P-XX-XXX
PTG06P-XX-XXX
MS3116P-XX-XXX
“W” Cable Seal
PT06W-XX-XXX
SP06W-XX-XXX
PTG06W-XX-XXX
“J” Cable Seal
PT06J-XX-XXX
MS3116J-XX-XXX
* Available in PT06 only
All dimensions for reference only.
Shell
Size
Plug Front View
Plug Side View
Class “A”
S
Max.
J
L
Max.
Q Thread
Class 2A
Z
Max.
D
Min.
L
Max.
N
Max.
V Thread
Class A
6
.625
.353
.906
.3125-32 NEF
.594
.175
1.609
.462
.3750-32 NEF
8
.750
.353
.906
.4375-28 UNEF
.594
.297
1.609
.590
.5000-28 UNEF
10
.859
.353
.906
.5625-24 NEF
.594
.421
1.609
.717
.6250-24 NEF
12
1.013
.353
.906
.6875-24 NEF
.594
.546
1.609
.834
.7500-20 UNEF
14
1.156
.353
.906
.8125-20 UNEF
.594
.663
1.609
.970
.8750-20 UNEF
16
1.281
.353
.906
.9375-20 UNEF
.594
.787
1.609
1.088
1.0000-20 UNEF
18
1.319
.353
.906
1.0625-18 NEF
.594
.879
1.609
1.216
1.1875-18 NEF
20
1.531
.415
1.062
1.1875-18 NEF
.672
1.014
1.656
1.332
1.1875-18 NEF
22
1.656
.415
1.062
1.3125-18 NEF
.672
1.135
1.656
1.460
1.4375-18 NEF
24*
1.776
.415
1.125
1.4375-18 NEF
.672
1.259
1.750
1.587
1.4375-18 NEF
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS / “F”
Class “E”, MS / “E”
Class “P”, MS / “P”
Class “W”, “J”
C
Thread
D
Min.
G
±.010
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
L
Max.
N
Max.
XL
Max.
Closed
Free
6
–––
1.266
.440
.192
1.526
.484
––––
8
6-32
.240
.125
.812
1.906
.550
1.266
.560
.317
1.526
.608
.168
.230
1.705
.547
2.271
10
6-32
.302
.188
.875
1.906
.675
1.266
.685
.434
1.526
.734
.205
.312
1.705
.675
2.271
12
6-32
.428
.312
1.000
1.906
.803
1.266
.813
.548
1.526
.858
.338
.442
1.848
.812
2.411
14
6-32
.552
.375
1.125
1.906
.920
1.266
.930
.673
1.526
.984
.416
.539
2.040
.940
2.599
16
6-32
.615
.500
1.188
2.047
1.047
1.266
1.057
.798
1.526
1.110
.550
.616
2.256
1.067
2.943
18
8-32
.740
.625
1.438
2.078
1.165
1.266
1.175
.899
1.526
1.234
.600
.672
2.486
1.194
3.172
20
8-32
.740
.625
1.438
2.250
1.290
1.438
1.301
1.024
1.546
1.360
.635
.747
2.844
1.322
3.610
22
8-32
.928
.750
1.625
2.250
1.418
1.438
1.430
1.149
1.546
1.484
.670
.846
3.000
1.449
3.766
24*
8-32
.990
.800
1.750
2.312
1.543
1.500
1.555
1.274
1.656
1.610
.740
.894
3.210
1.576
3.985
PT06 (MS3116)
SP06
straight plug
To complete part number see how to order on page 18.
S
L
ZQ
J
ND
.375 MIN
V
L
G
L
C
N
DH
L
N
N
L
D


Similar Part No. - SP01A-20-41PW005

ManufacturerPart #DatasheetDescription
logo
ABB
SP010 ABB-SP010 Datasheet
83Kb / 2P
   15MM SPIKE (BS970-080M40)
logo
List of Unclassifed Man...
SP0102BE3 ETC1-SP0102BE3 Datasheet
385Kb / 10P
   Zero Height SiSonicTM Microphone Specification
logo
Knowles Electronics
SP0102BE3 KNOWLES-SP0102BE3 Datasheet
885Kb / 10P
   Zero Height Surface Mount Silicon Microphone
logo
List of Unclassifed Man...
SP0102N ETC2-SP0102N Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
SP0102NC3-2 ETC2-SP0102NC3-2 Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
More results

Similar Description - SP01A-20-41PW005

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com