Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS3102A18-3SX Datasheet(PDF) 11 Page - Amphenol Corporation

Part # CS3102A18-3SX
Description  Amphenol MIL-DTL-5015 and MIL-5015
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102A18-3SX Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button CS3102A18-3SX Datasheet HTML 7Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 8Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 9Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 10Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 11Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 12Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 13Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 14Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
10
MS/Standard
MS-E/F
MS-E & F
MS Class F connectors satisfy all the performance
requirements of MIL-DTL-5015. Class E, environmental
is also produced, but is no longer listed on the qualified
products listing (QPL). These connectors are recom-
mended for conditions where vibration, moisture, pres-
sure and/or temperature are extreme. Strain relief is
supplied on most shell sizes.
Shells:
Shell components are fabricated from high grade alumi-
num alloy. The standard hardware plating is electrically
conductive cadmium plated finish with an olive drab chro-
mate after-treatment for corrosion resistance. Consult
Amphenol, Sidney, NY for other plating options.
Contacts:
Contacts are silver plated copper alloy for maximum cor-
rosion resistance, maximum current carrying capacity
and low millivolt drop. Size 16 and 12 socket contacts
incorporate a closed entry design. Crimp and solder ver-
sions are available. Refer to pages 49, 67 and 68 for
additional contact information.
Inserts:
Resilient neoprene inserts provide an outstanding mois-
ture barrier, high dielectric strength, and resistance to
vibration. Either pin or socket insert can be pressurized.
Strain Relief Clamp:
Strain relief clamps minimize tension at the solder well
connection and provide a positive mechanical moisture
seal. Complete field serviceability is possible with the
strain relief clamp.
wall mounting receptacle
cable connecting plug
box mounting receptacle
straight plug
90 degree plug


Similar Part No. - CS3102A18-3SX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CS3102A18-5P-SR AMPHENOL-CS3102A18-5P-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
CS3102A18-5S-SR AMPHENOL-CS3102A18-5S-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

Similar Description - CS3102A18-3SX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com