Electronic Components Datasheet Search |
|
C09111D1050012 Datasheet(PDF) 11 Page - Amphenol Corporation |
|
C09111D1050012 Datasheet(HTML) 11 Page - Amphenol Corporation |
11 / 52 page Amphenol 11 Description Drawing No. of cont. Part Number solder termination Contact plating gold 2) ring nut Part No. Crimp termination 1) ring nut Female receptacle, termination: solder or crimp, panel mounting with ring or hex nut, contact plating: silver or gold. Female receptacle, termination: straight dip solder, pin length 15 mm from flange, panel mounting with ring nut, contact plating: silver or gold, solder area: tin plated. Female receptacle, termination: straight dip solder, pin length 19 mm from flange, panel mounting with ring nut, contact plating: silver, solder area: tin plated. Female receptacle, termination: straight dip solder, pin length 24 mm from flange, panel mounting with ring nut, contact plating: silver, solder area: tin plated. 2 3 3) 4 3) 5 5 S 3) 6 3) 7 7 3) 8 3) 12 14 2 3 3) 4 3) 5 5 S 3) 6 3) 7 7 3) 8 3) 12 14 2 3 3) 4 3) 5 5 S 3) 6 3) 7 7 3) 8 3) 12 14 2 3 3) 4 3) 5 5 S 3) 6 3) 7 7 3) 8 3) 12 14 T 3203 000 T 3263 000 T 3303 000 T 3363 000 T 3363 010 T 3403 000 T 3478 000 T 3487 000 T 3507 000 T 3638 000 T 3653 000 – T 3263 300 T 3303 300 T 3363 300 T 3359 300 T 3403 300 T 3478 300 T 3487 300 T 3507 300 – – – T 3263 320 T 3303 320 T 3363 320 T 3359 320 T 3403 320 T 3478 320 T 3487 320 T 3507 320 – – – T 3263 330 T 3303 330 T 3363 330 T 3359 330 T 3403 330 T 3478 330 T 3487 330 T 3507 330 – – T 3203 009 T 3263 009 T 3303 009 T 3363 009 T 3359 009 T 3403 009 T 3478 009 T 3487 009 T 3507 009 T 3638 009 T 3653 009 – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – T 3203 018 T 3263 018 T 3303 018 T 3363 018 T 3359 018 T 3403 018 T 3478 018 T 3487 018 4) T 3507 018 T 3638 004 T 3653 004 – – – – – – – – – T 3638 304 T 3653 304 – – – – – – – – – – – – – – – – – – – – – – – T 3263 550 T 3303 550 T 3363 550 T 3359 550 T 3403 550 T 3478 550 T 3487 550 T 3507 550 – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – *Measure 12- and 14-pol.=14 ± 0,3 Female receptacle, screw locking, front mounting C 091 A Contact plating silver ring nut hex nut 1) Please order crimp contacts separately, see page 43 2) See remark page 6 3) Contact order for DIN EN 60 130-9 4) Available upon request. 16 (.630) (.040) 1 11,5 (.453) 13 (.512) (.600) 15 (.040) 1 11,5 (.453) 13 (.512) (.157) 4 (.748) 19 (.040) 1 13 (.512) 11,5 (.453) (.945) 24 (.040) 1 13 (.512) 11,5 (.453) (.157) 4 18+0,1 (.709) 2,8 (.110) +0,1 max.5mm max. 5 mm Panel cutout Tightening torque 0,7 Nm |
Similar Part No. - C09111D1050012 |
|
Similar Description - C09111D1050012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |