![]() |
Electronic Components Datasheet Search |
|
MS3102E18-3PW Datasheet(PDF) 35 Page - Amphenol Corporation |
|
MS3102E18-3PW Datasheet(HTML) 35 Page - Amphenol Corporation |
35 / 73 page ![]() 34 front face of pin insert or rear face of socket insert illustrated MS/Standard contact arrangements Insert Arrangement 28-20 28-21 28-22 32-1 Service Rating A A D A = E; B, C, D, E = D Number of Contacts 10 4 37 3 3 2 3 Contact Size 12 16 16 4 16 0 12 Insert Arrangement 32-2 32-3 32-4 32-5 Service Rating E D F, J, K, N = A; Bal. = D D Number of Contacts 3 2 1 2 2 4 2 12 2 Contact Size 416 0 412 16 12 16 0 Insert Arrangement 32-6 32-7 32-8 32-9 Service Rating A A, B, h, j = Inst.; Bal. = A A D Number of Contacts 2 3 2 16 7 28 6 24 2 12 Contact Size 4 8 12 16 12 16 12 16 4 16 CONTACT LEGEND 16 12 8 4 0 A B C D E F G H J K L M N P A B C D E F G H J K L M N P R S TU V W X Z a b c d e f g h j k m n p rs A B C D E F A B C D E A B C D E A B C DE F G H J A B C D E F G H J K L M N O A B AB CD EF GH J KL M N O P R S T U V W I X A B C D E F G H I J K L M N O P R S T U V W X Y Z a b c d e f g h j k A B C D E F G H I J K L M N O P R S T U V W X Y Z a b c d e AB CD E F G HI J K LM N |
|