Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS3102E18-3PW Datasheet(PDF) 33 Page - Amphenol Corporation

Part No. MS3102E18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
Download  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMPHENOL [Amphenol Corporation]
Homepage  http://www.amphenol.com
Logo 

MS3102E18-3PW Datasheet(HTML) 33 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
32
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
24-16
24-17
24-20
24-21
24-22
Service Rating
A, B, F, G = D; C, D, E, = A
D
D
D
D
Number of Contacts
1
3
3
23
29
19
4
Contact Size
8
12 16
1216
1216
8
16
8
Insert Arrangement
24-27
24-28
28-1
28-2
28-3
Service Rating
E
Inst.
A, J, E = D; Bal. = A
D
E
Number of Contacts
7
24
3
6
2
12
3
Contact Size
16
16
8
12
12
16
8
Insert Arrangement
28-4
28-5
28-6
28-7
Service Rating
G, P, S = E; Bal. = D
D
D
D
Number of Contacts
2
7
2
1
2
3
2
Contact Size
12
16
4
12
16
4
4
CONTACT LEGEND
16
12
8
4
0
A
B
C
D
E
A
B
C
D
E
F
G
H
J
KL
A
B
C
D
E
F
G
H
JK
A
B
C
D
A
B
C
D
E
F
G
AB
C
D
EF
G
H
J
KL
M
NP
Q
RS
T
U
V
WX
Y
Z
A
B
C
D
E
F
G
H
J
A
B
C
D
E
F
G
H
J
K
L
M
N
P
A
B
C
AB
CD
P
S
EF
G
A
B
C
D
E
A
B
C
A
B
A
B
C
D
E
F
G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn