Electronic Components Datasheet Search |
|
21-33387-21 Datasheet(PDF) 9 Page - Amphenol Corporation |
|
21-33387-21 Datasheet(HTML) 9 Page - Amphenol Corporation |
9 / 54 page 7 Tri-Start and Specials insert availability and identification Contact Size Shell Military Service Total 22D 20 16 12 12 10 8 8†† Size/Arrg. Shell Crimp Hermetics* Rating Contacts (Coax) (Power) (Coax) (Twinax) 23-35 H X P M 100 100 23-53 H X P I 53 53 23-54 ■ H ✦ M53 40 9 4 23-55 H ✦ P I 55 55 25-4 J X P I 56 48 8 25-7 J ✦ Twinax 99 97 2 25-8 ★ J ✦ Twinax 8 8 25-11*** J ✦ N11 2 9 25-17 ■ J ✦ M42 36 6 25-19 ★ J X P I 19 19 25-20*** J ✦ N30 10 13 4 3 25-24 ★ J X P I 24 12 12 25-26 ■ J ✦ I25 16 5 4 25-29 ★ JX I 29 29 25-35 J X P M 128 128 25-37 ★■ J ✦ I37 37 25-41 ■ J X N/Inst. 41 22 3 11 2 3 25-43 J ✦ I43 23 20 25-46 J ✦ I46 40 4 2† 25-61 J X P I 61 61 25-90 J X I 46 40 4 2 25-F4 ■ J ✦ M/I 66 49 13 4 TRI-START ARRANGEMENTS, CONT. Contact Size Shell Military Service Total Comments 22D 20 16 12 8†† Size/Arrg. Shell Crimp Hermetics* Rating Contacts (Twinax) 9-2 A X I 2 formerly Pyle 2 15-4 D X II 4 formerly Pyle 4 15-25 D X M 25 formerly Pyle 22 3 17-20 E X M 20 formerly Pyle 16 4 21-12 G X I 12 formerly Pyle 3 9 21-21 G X M/Inst. 41 improved sealing 32 9 21-99 G X M 16 formerly Pyle 5 11 25-92 J X M 101 formerly Pyle 92 9 25-97 J X M 42 formerly Pyle 26 3 13 SPECIAL ARRANGEMENTS (Not Mil-Spec Qualified) Contact Size Shell Service Total 22D 20 8 4 0 Size/Arrg. Crimp Hermetics* Rating Contacts 25-16 X M 8 6 2 25L-3 X II 3 1 2 25L-7 X II 7 7 33-3 X II 3 1 2 33-5 X II 5 5 33-6 X II 6 2 4 37-5 X II 4 4 SPECIAL ARRANGEMENTS (Not Mil-Spec Qualified) (insert arrangements requiring non-standard shells or larger contacts) X Completely tooled. • Majority of tooling is completed (contact Amphenol Aerospace for availabilty). ✦ Not tooled for 02-R. P Pin inserts only (contact Amphenol Aerospace for socket availability). ★ Ground plane proprietary option available. Arrangement 9-5 is exclusively ground plane type. ■ Not Mil-Qualified. * Hermetic inserts - solder termination standard. (Contact Amphenol Aerospace for optional PCB or eyelet termination). ** Two size 16 contacts dedicated to fiber optics. Consult Amphenol Aerospace catalog 12-352 for fiber optic information. *** For use in MIL-STD-1760 applications (pgs. 31 & 32). † For RG 180/U and RG 195/U cables only. †† Size 8 Coax and Twinax are interchangeable. Note: 25L-3 and 25L-7 require longer shells. |
Similar Part No. - 21-33387-21 |
|
Similar Description - 21-33387-21 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |