Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C901N Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74C901N
Description  Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C901N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74C901N Datasheet HTML 1Page - Fairchild Semiconductor MM74C901N Datasheet HTML 2Page - Fairchild Semiconductor MM74C901N Datasheet HTML 3Page - Fairchild Semiconductor MM74C901N Datasheet HTML 4Page - Fairchild Semiconductor MM74C901N Datasheet HTML 5Page - Fairchild Semiconductor MM74C901N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Voltage at Any Input Pin
MM74C901
−0.3V to +15V
MM74C902
−0.3V to +15V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating Temperature Range (TA)
MM74C901, MM74C902,
−40°C to +85°C
Operating VCC Range
3.0V to 15V
Absolute Maximum VCC
18V
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
V IN(1)
Logical “1” Input Voltage
V CC = 5.0V
3.5
V
V CC = 10V
8.0
V
V IN(0)
Logical “0” Input Voltage
V CC = 5.0V
1.5
V
V CC = 10V
2.0
V
V OUT(1)
Logical “1” Output Voltage
V CC = 5.0V, IO = −10 µA4.5
V
V CC = 10V, IO = −10 µA9.0
V
V OUT(0)
Logical “0” Output Voltage
V CC = 5.0V
0.5
V
V CC = 10V
1.0
V
I IN(1)
Logical “1” Input Current
V CC = 15V, VIN = 15V
0.005
1.0
µA
I IN(0)
Logical “0” Input Current
V CC = 15V, VIN = 0V
−1.0
−0.005
µA
I CC
Supply Current
V CC = 15V
0.05
15
µA
TTL TO CMOS
V IN(1)
Logical “1” Input Voltage
V CC = 4.75V
V CC − 1.5
V
V IN(0)
Logical “0” Input Voltage
V CC = 4.75V
0.8
V
CMOS TO TTL
V IN(1)
Logical “1” Input Voltage
MM74C901
V CC = 4.75V
4.25
V
MM74C902
V CC = 4.75V
V CC − 1.5
V
V IN(0)
Logical “0” Input Voltage
MM74C901
V CC = 4.75V
1.0
V
MM74C902
V CC = 4.75V
1.5
V
V OUT(1)
Logical “1” Output Voltage
V CC = 4.75V, IO = −800 µA2.4
V
V OUT(0)
Logical “0” Output Voltage
MM74C901
V CC = 4.75V, IO = 2.6 mA
0.4
V
MM74C902
V CC = 4.75V, IO = 3.2 mA
0.4
V
OUTPUT DRIVE (See Family Characteristics Data Sheet) (Short Circuit Current)
(MM74C901)
I SOURCE
Output Source Current
V CC = 5.0V, VOUT = 0V
−5.0
mA
(P-Channel)
T A = 25°C, VIN = 0V
I SOURCE
Output Source Current
V CC = 10V, VOUT = 0V
−20
mA
(P-Channel)
T A = 25°C, VIN = 0V
I SINK
Output Sink Current
V CC = 5.0V, VOUT = VCC
9.0
mA
(N-Channel)
T A = 25°C, VIN = VCC
I SINK
Output Sink Current
V CC = 5.0V, VOUT = 0.4V
3.8
mA
(N-Channel)
T A = 25°C, VIN = VCC
(MM74C902)


Similar Part No. - MM74C901N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C901 NSC-MM74C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results

Similar Description - MM74C901N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com