Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

165-16 Datasheet(PDF) 8 Page - Amphenol Corporation

Part No. 165-16
Description  Amphenol 67 and 165 Series Miniaturized Standard Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMPHENOL [Amphenol Corporation]
Homepage  http://www.amphenol.com
Logo 

165-16 Datasheet(HTML) 8 Page - Amphenol Corporation

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6
Cable Receptacle
for Jacketed Cable
Plug
for Jacketed Cable
Cable Receptacle
for Potting
Plug
for Potting
Square Flange
Receptacle
Amphenol 165 Series
miniaturized standard connectors
DESIGN CHARACTERISTICS
• Approximately one-third the size and weight of
standard MIL-C-5015 connectors
• Quick, positive, bayonet coupling
• O-ring seals in both plugs and receptacles make
connectors pressure proof and water protected
when mated
• Meets pressure seal requirements of MIL-C-5015,
Class C construction
• UL approved recognition file E115497
CUSTOMER OPTIONS
• Five shell styles in two sizes - large and small
• Seven insert configurations
Shell components are fabricated from high grade aluminum
with gray anodize finish. Contacts are copper alloy gold over
nickel plate. Inserts are diallyl phthalate, providing high arc
and insulation resistance under both humidity and thermal
stress conditions. Connectors using female inserts feature a
sandwich construction with the insert spun into a cartridge.
Connectors are factory sealed to prevent leakage.
Amphenol® 165 Series connectors are ideal for applications
that demand a lightweight connector that meets MIL-C-5015
requirements.
For additional information on Amphenol® 165 Series con-
nectors, or for special application requirements, contact your
local sales office, authorized distributor, or
Amphenol Corporation
Amphenol Aerospace
40-60 Delaware Avenue
Sidney, New York 13838-1395
Phone: 607-563-5011
Fax: 607-563-5157
Amphenol Aerospace is a certified ISO 9001 manufacturer.
Connector Weights
Style
Weight (pounds)
Small
Large
Cable receptacle for potting
0.0415
0.0599
Cable receptacle
0.0600
0.0945
Panel receptacle
0.0264
0.0439
Plug
0.0659
0.0975
Plug for potting
0.0302
0.0490
®


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn