Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC2404 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRFIC2404
Description  2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2404 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC2404 Datasheet HTML 1Page - Motorola, Inc MRFIC2404 Datasheet HTML 2Page - Motorola, Inc MRFIC2404 Datasheet HTML 3Page - Motorola, Inc MRFIC2404 Datasheet HTML 4Page - Motorola, Inc MRFIC2404 Datasheet HTML 5Page - Motorola, Inc MRFIC2404 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRFIC2404
MOTOROLA RF DEVICE DATA
Table 1. Scattering Parameters
(VDD = 5 V, TA = 25°C, 50 W System)
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
2000
0.232
–92.34
6.290
165.97
0.024
–51.08
0.483
–123.13
2050
0.174
–90.78
7.049
147.75
0.029
–66.26
0.383
–125.77
2100
0.122
–76.88
7.563
127.95
0.032
–78.38
0.281
–124.34
2150
0.102
–48.38
7.803
109.02
0.035
–97.84
0.191
–109.23
2200
0.128
–19.45
8.046
91.04
0.037
–105.62
0.159
–80.33
2250
0.185
–6.60
8.144
72.36
0.039
–123.88
0.196
–53.35
2300
0.244
–5.52
7.977
55.31
0.038
–135.36
0.273
–42.38
2350
0.300
–8.04
7.979
39.91
0.043
–144.83
0.350
–41.15
2400
0.343
–12.42
8.147
23.40
0.044
–160.94
0.423
–43.39
2450
0.379
–17.11
8.020
5.27
0.045
–173.09
0.477
–47.05
2500
0.403
–21.90
7.550
–10.93
0.041
173.83
0.522
–50.67
2550
0.424
–26.32
7.245
–25.36
0.043
165.85
0.556
–54.67
2600
0.436
–30.95
6.911
–39.88
0.042
154.14
0.582
–58.35
2650
0.443
–34.94
6.631
–52.32
0.041
145.35
0.600
–62.23
2700
0.447
–39.48
6.566
–65.57
0.044
135.12
0.610
–65.41
2750
0.445
–43.12
6.338
–79.97
0.043
123.72
0.622
–68.57
2800
0.446
–46.68
6.009
–93.15
0.042
114.52
0.624
–72.06
2850
0.441
–50.42
5.733
–105.10
0.043
107.18
0.620
–74.86
2900
0.439
–53.14
5.565
–116.69
0.041
98.95
0.617
–77.74
2950
0.437
–57.27
5.393
–129.54
0.042
90.72
0.608
–80.01
3000
0.409
–61.28
4.938
–142.70
0.043
81.68
0.611
–81.12


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn