Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC2404 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MRFIC2404
Description  2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2404 Datasheet(HTML) 1 Page - Motorola, Inc

  MRFIC2404 Datasheet HTML 1Page - Motorola, Inc MRFIC2404 Datasheet HTML 2Page - Motorola, Inc MRFIC2404 Datasheet HTML 3Page - Motorola, Inc MRFIC2404 Datasheet HTML 4Page - Motorola, Inc MRFIC2404 Datasheet HTML 5Page - Motorola, Inc MRFIC2404 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MRFIC2404
MOTOROLA RF DEVICE DATA
The MRFIC Line
2.4 GHz GaAs Exciter Amplifier
The MRFIC2404 is a single–stage class A GaAs amplifier in a low–cost
8 lead plastic package designed to drive the MRFIC2403 power amplifier for
use in the 2.4 to 2.5 GHz Industrial–Scientific–Medical (ISM) band. The design
is optimized for 5.0 Volt operation at 2.45 GHz but is usable from 2.0 to 3.0 GHz
in applications such as telemetry and Multichannel Multipoint Distribution
System (MMDS) wireless cable TV systems. Performance is suitable for
frequency hopping or direct sequence spread spectrum as well as single–fre-
quency applications.
• High Output Capability = +5.0 dBm Typical
• High Gain = 17 dB Typical
• Low Current Drain = 9.0 mA Typical
• Single Supply Voltage = 5.0 Volts
• Good Noise Figure = 4.3 dB Typical
• Low–Cost, Low Profile Plastic SOIC Package
• Order MRFIC2404R2 for Tape and Reel.
R2 Suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M2404
ABSOLUTE MAXIMUM RATINGS (TA = 25_C unless otherwise noted)
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
12
Vdc
RF Input Power
RF IN
+10
dBm
Bias Enable Voltage
Vbias
6.0
Vdc
Ambient Operating Temperature
TA
–30 to +85
_C
Storage Temperature
Tstg
–65 to +125
_C
Pin Connections and Functional Block Diagram
GND
GND
8
7
6
5
GND
GND
1
2
3
4
RF OUT
VDD
RF IN
VBIAS
Order this document
by MRFIC2404/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRFIC2404
CASE 751-05
(SO-8)
2.4 GHz
EXCITER AMPLIFIER
GaAs MONOLITHIC
INTEGRATED CIRCUIT
© Motorola, Inc. 1995
REV 2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn