Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C74 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MM74C74
Description  Dual D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C74 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C74 Datasheet HTML 1Page - Fairchild Semiconductor MM74C74 Datasheet HTML 2Page - Fairchild Semiconductor MM74C74 Datasheet HTML 3Page - Fairchild Semiconductor MM74C74 Datasheet HTML 4Page - Fairchild Semiconductor MM74C74 Datasheet HTML 5Page - Fairchild Semiconductor MM74C74 Datasheet HTML 6Page - Fairchild Semiconductor MM74C74 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005885
www.fairchildsemi.com
October 1987
Revised May 2002
MM74C74
Dual D-Type Flip-Flop
General Description
The MM74C74 dual D-type flip-flop is a monolithic comple-
mentary MOS (CMOS) integrated circuit constructed with
N- and P-channel enhancement transistors. Each flip-flop
has independent data, preset, clear and clock inputs and Q
and Q outputs. The logic level present at the data input is
transferred to the output during the positive going transition
of the clock pulse. Preset or clear is independent of the
clock and accomplished by a low level at the preset or clear
input.
Features
s Supply voltage range:
3V to 15V
s Tenth power TTL compatible: Drive 2 LPT2L loads
s High noise immunity: 0.45 VCC (typ.)
s Low power: 50 nW (typ.)
s Medium speed operation: 10 MHz (typ.) with 10V
supply
Applications
• Automotive
• Data terminals
• Instrumentation
• Medical electronics
• Alarm system
• Industrial electronics
• Remote metering
• Computers
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Note: A logic “0” on clear sets Q to logic “0”.
A logic “0” on preset sets Q to logic “1”.
Top View
Truth Table
Note 1: No change in output from previous state.
Order Number
Package Number
Package Description
MM74C74M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74C74N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Preset
Clear
Qn
Qn
0000
0110
1001
11
Qn
(Note 1)
Qn
(Note 1)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn