Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C74 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MM74C74
Description  Dual D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C74 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74C74 Datasheet HTML 1Page - Fairchild Semiconductor MM74C74 Datasheet HTML 2Page - Fairchild Semiconductor MM74C74 Datasheet HTML 3Page - Fairchild Semiconductor MM74C74 Datasheet HTML 4Page - Fairchild Semiconductor MM74C74 Datasheet HTML 5Page - Fairchild Semiconductor MM74C74 Datasheet HTML 6Page - Fairchild Semiconductor MM74C74 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 3)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: Capacitance is guaranteed by periodic testing.
Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note—
AN-90.
Typical Applications
Ripple Counter (Divide by 2n)
Shift Register
74C Compatibility
Guaranteed Noise Margin as a Function of VCC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CIN
Input Capacitance
Any Input (Note 4)
5.0
pF
tpd
Propagation Delay Time to a
VCC = 5V
180
300
ns
Logical “0” tpd0 or Logical “1”
VCC = 10V
70
110
tpd1 from Clock to Q or Q
tpd
Propagation Delay Time to a
VCC = 5V
180
300
ns
Logical “0” from Preset or Clear
VCC = 10V
70
110
tpd
Propagation Delay Time to a
VCC = 5V
250
400
ns
Logical “1” from Preset or Clear
VCC = 10V
100
150
tS0, tS1
Time Prior to Clock Pulse that
VCC = 5V
100
50
ns
Data Must be Present tSETUP
VCC = 10V
40
20
tH0, tH1
Time after Clock Pulse that
VCC = 5V
−20
0
ns
Data Must be Held
VCC = 10V
−8.0
0
tPW1
Minimum Clock Pulse
VCC = 5V
100
250
ns
Width (tWL = tWH)VCC = 10V
40
100
tPW2
Minimum Preset and
VCC = 5V
100
160
ns
Clear Pulse Width
VCC = 10V
40
70
tr, tf
Maximum Clock Rise
VCC = 5V
15.0
µs
and Fall Time
VCC = 10V
5.0
fMAX
Maximum Clock Frequency
VCC = 5V
2.0
3.5
MHz
VCC = 10V
5.0
8.0
CPD
Power Dissipation Capacitance
(Note 5)
40
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn