Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C74 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74C74
Description  Dual D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C74 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74C74 Datasheet HTML 1Page - Fairchild Semiconductor MM74C74 Datasheet HTML 2Page - Fairchild Semiconductor MM74C74 Datasheet HTML 3Page - Fairchild Semiconductor MM74C74 Datasheet HTML 4Page - Fairchild Semiconductor MM74C74 Datasheet HTML 5Page - Fairchild Semiconductor MM74C74 Datasheet HTML 6Page - Fairchild Semiconductor MM74C74 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted
Voltage at Any Pin (Note 2)
−0.3V to V
CC +0.3V
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature
(Soldering, 10 seconds)
260
°C
Operating VCC Range
3V to 15V
VCC (Max)
18V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VCC = 10V
80
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VCC = 10V
2.0
VOUT(1)
Logical “1” Output Voltage
VCC = 5V
4.5
V
VCC = 10V
9.0
VOUT(0)
Logical “0” Output Voltage
VCC = 5V
0.5
V
VCC = 10V
1.0
IIN(1)
Logical “1” Input Current
VCC = 15V
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 15V
−1.0
µA
ICC
Supply Current
VCC = 15V
0.05
60
µA
CMOS/LPTTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC− 1.5
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V, ID = −360 µA2.4
V
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V, ID = 360 µA0.4
V
OUTPUT DRIVE (See Family Characteristics Data Sheet)
ISOURCE
Output Source Current
VCC = 5V, VIN(0) = 0V
−1.75
mA
TA = 25°C, VOUT = 0V
ISOURCE
Output Source Current
VCC = 10V, VIN(0) = 0V
−8.0
mA
TA = 25°C, VOUT = 0V
ISINK
Output Sink Current
VCC = 5V, VIN(1) = 5V
1.75
mA
TA = 25°C, VOUT = VCC
ISINK
Output Sink Current
VCC = 10V, VIN(1) = 10V
8.0
mA
TA = 25°C, VOUT = VCC


Similar Part No. - MM74C74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C74 NSC-MM74C74 Datasheet
120Kb / 6P
   Dual D Flip-Flop
MM74C74J NSC-MM74C74J Datasheet
120Kb / 6P
   Dual D Flip-Flop
MM74C74N NSC-MM74C74N Datasheet
120Kb / 6P
   Dual D Flip-Flop
More results

Similar Description - MM74C74

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com