Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C240 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MM74C240
Description  Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74C240 Datasheet HTML 1Page - Fairchild Semiconductor MM74C240 Datasheet HTML 2Page - Fairchild Semiconductor MM74C240 Datasheet HTML 3Page - Fairchild Semiconductor MM74C240 Datasheet HTML 4Page - Fairchild Semiconductor MM74C240 Datasheet HTML 5Page - Fairchild Semiconductor MM74C240 Datasheet HTML 6Page - Fairchild Semiconductor MM74C240 Datasheet HTML 7Page - Fairchild Semiconductor MM74C240 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF, unless otherwise specified
Note 2: AC Parameters are guaranteed by DC correlated testing.
Note 3: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note,
AN-90.
Note 4: Capacitance is guaranteed by periodic testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPD(1),
Propagation Delay
tPD(0)
(Data In to Out)
MM74C240
VCC = 5V, CL = 50 pF
60
90
ns
VCC = 10V, CL = 50 pF
40
70
V CC = 5V, CL = 150 pF
80
110
VCC = 10V, CL = 150 pF
60
90
MM74C244
V CC = 5V, CL = 50 pF
45
70
ns
VCC = 10V, CL = 50 pF
25
50
VCC = 5V, CL = 150 pF
60
90
VCC = 10V, CL = 150 pF
40
70
t1H, t0H
Propagation Delay Output
RL = 1k, CL = 50 pF
Disable to High Impedance
VCC = 5V
45
80
ns
State (from a Logic Level)
VCC = 10V
35
60
tH1, tH0
Propagation Delay Output
RL = 1k, CL = 50 pF
Disable to Logic Level
VCC = 5V
50
90
ns
(from High Impedance State)
VCC = 10V
30
60
tT(HL), tT(LH) Transition Time
VCC = 5V, CL = 50 pF
45
80
ns
VCC = 10V, CL = 50 pF
30
60
VCC = 5V, CL = 150 pF
75
140
VCC = 10V, CL = 150 pF
50
100
CPD
Power Dissipation
(Note 3)
Capacitance
(Output Enabled per Buffer)
MM74C240
100
pF
MM74C244
100
(Output Disabled per Buffer)
MM74C240
10
pF
MM74C244
0
CIN
Input Capacitance (Note 4)
VIN = 0V, f = 1 MHz, TA = 25°C
10
pF
(Any Input)
CO
Output Capacitance (Note 4)
VIN = 0V, f = 1 MHz, TA = 25°C
10
pF
(Output Disabled)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn