Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C192 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MM74C192
Description  Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM74C192 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS005901
www.fairchildsemi.com
January 1991
Revised October 1999
MM74C192 • MM74C193
Synchronous 4-Bit Up/Down Decade Counter •
Synchronous 4-Bit Up/Down Binary Counter
General Description
The MM74C192 and MM74C193 up/down counters are
monolithic complementary MOS (CMOS) integrated cir-
cuits. The MM74C192 is a BCD counter, while the
MM74C193 is a binary counter.
Counting up and counting down is performed by two count
inputs, one being held high while the other is clocked. The
outputs change on the positive-going transition of this
clock.
These counters feature preset inputs that are set when
load is a logical “0” and a clear which forces all outputs to
“0” when it is at a logical “1”. The counters also have carry
and borrow outputs so that they can be cascaded using no
external circuitry.
Features
s High noise margin:
1V guaranteed
s Tenth power TTL compatible: Drive 2 LPTTL loads
s Wide supply range: 3V to 15V
s Carry and borrow outputs for N-bit cascading
s Asynchronous clear
s High noise immunity: 0.45 VCC (typ.)
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Top View
Order Number
Package Number
Package Description
MM74C192N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74C193M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74C193N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn