Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-11136 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-11136
Description  Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-11136 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-11136 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Figure 7. Demo Board Layout Diagram
Demo Board Layout
– Recommended PCB material is 10 mils Rogers RO4350.
– Suggested component values may vary according to layout and PCB material.
– Copper trace between the 2 pads is removed before Z2 0(ohm) is placed.
ALM-
March'10
Low T.M.
W 21.89
G 14.57
S 60
H 10
MILS
rev1gi
Avago
Technologies
Z1
C1
C2
C3
Z2
Gnd
1
Gnd
26
Gnd
2
Gnd
3
RF_IN
4
Gnd
5
Gnd
6
Gnd
7
Gnd
8
Gnd
25
Gnd
24
RF_OUT
23
Gnd
22
Gnd
21
Gnd
20
Gnd
19


Similar Part No. - ALM-11136

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results

Similar Description - ALM-11136

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11236 BOARDCOM-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 BOARDCOM-ALM-11336 Datasheet
391Kb / 12P
   1850 MHz ??1980 MHz Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com