Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C165 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MM74C165
Description  Parallel-Load 8-Bit Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C165 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C165 Datasheet HTML 1Page - Fairchild Semiconductor MM74C165 Datasheet HTML 2Page - Fairchild Semiconductor MM74C165 Datasheet HTML 3Page - Fairchild Semiconductor MM74C165 Datasheet HTML 4Page - Fairchild Semiconductor MM74C165 Datasheet HTML 5Page - Fairchild Semiconductor MM74C165 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005897.prf
www.fairchildsemi.com
MM74C165
Parallel-Load 8-Bit Shift Register
General Description
The MM74C165 functions as an 8-bit parallel-load, serial
shift register. Data is loaded into the register independent
of the state of the clock(s) when PARALLEL LOAD (PL) is
low. Shifting is inhibited as long as PL is low. Data is
sequentially shifted from complementary outputs, Q7 and
Q7, highest-order bit (P7) first. New serial data may be
entered via the SERIAL DATA (Ds) input. Serial shifting
occurs on the rising edge of CLOCK1 or CLOCK2. Clock
inputs may be used separately or together for combined
clocking from independent sources. Either clock input may
be used also as an active-low clock enable. To prevent
double-clocking when a clock input is used as an enable,
the enable must be changed to a high level (disabled) only
while the clock is HIGH.
Features
s Wide supply voltage range:
3V to 15V
s Guaranteed noise margin: 1V
s High noise immunity: 0.45 VCC (typ.)
s Low power TTL compatibility: fan out of 2 driving 74L
s Parallel loading independent of clock
s Dual clock inputs
s Fully static operation
Ordering Code:
Connection Diagram
Pin Assignments for DIP
Top View
Order Number
Package Number
Package Description
MM74165N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn