Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C165 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MM74C165
Description  Parallel-Load 8-Bit Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C165 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74C165 Datasheet HTML 1Page - Fairchild Semiconductor MM74C165 Datasheet HTML 2Page - Fairchild Semiconductor MM74C165 Datasheet HTML 3Page - Fairchild Semiconductor MM74C165 Datasheet HTML 4Page - Fairchild Semiconductor MM74C165 Datasheet HTML 5Page - Fairchild Semiconductor MM74C165 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 2: AC Parameters are guaranteed by DC correlated testing.
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics application note
AN-90.
Switching Time Waveform
Note A: The remaining six data and the serial input are LOW.
Note B: Prior to test, HIGH level data is loaded into the P7 input.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0, tpd1
Propagation Delay Time to a Logical “0” or
VCC = 5V
200
400
ns
Logical “1” from Clock or Load to Q or Q
VCC = 10V
80
200
ns
tpd0, tpd1
Propagation Delay Time to a Logical “0” or
VCC = 5V
200
400
ns
Logical “1” from H to Q or Q
VCC = 10V
80
200
ns
tS
Clock Inhibit Set-up Time
VCC = 5V
150
75
ns
VCC = 10V
60
30
ns
tS
Serial Input Set-up Time
VCC = 5V
50
25
ns
VCC = 10V
30
15
ns
tH
Serial Input Hold Time
VCC = 5V
50
0
ns
VCC = 10V
30
0
ns
tS
Parallel Input Set-Up Time
VCC = 5V
150
75
ns
VCC = 10V
60
30
ns
tH
Parallel Input Hold Time
VCC = 5V
50
0
ns
VCC = 10V
30
0
ns
tW
Minimum Clock Pulse Width
VCC = 5V
70
200
ns
VCC = 10V
30
100
ns
tW
Minimum Load Pulse Width
VCC = 5V
85
180
ns
VCC = 10V
30
90
ns
fMAX
Maximum Clock Frequency
VCC = 5V
2.5
6
MHz
VCC = 10V
5
12
MHz
tr, tf
Maximum Clock Rise and Fall Time
VCC = 5V
10
µs
VCC = 10V
5
µs
CIN
Input Capacitance
(Note 3)
5
pF
CPD
Power Dissipation Capacitance
(Note 4)
65
pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn