Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C165 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MM74C165
Description  Parallel-Load 8-Bit Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM74C165 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics table provides conditions
for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Absolute Maximum VCC
18V
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VCC = 10V
8.0
V
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VCC = 10V
2.0
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5V, IO = −10 µA4.5
V
VCC = 10V, IO = −10 µA9.0
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5V, IO = +10 µA0.5
V
VCC = 10V, IO = +10 µA1.0
V
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
ICC
Supply Current
VCC = 15V
0.05
300
µA
CMOS TO LPTTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC − 1.5
V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V, IO = −360 µA2.4
V
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V, IO = 360 µA0.4
V
OUTPUT DRIVE (See Family Characteristics Data Sheet) (short circuit current)
ISOURCE
Output Source Current
VCC = 5V
−1.75
−3.3
mA
(P-Channel)
TA = 25°C, VOUT = 0V
ISOURCE
Output Source Current
VCC = 10V
−8.0
−15
mA
(P-Channel)
TA = 25°C, VOUT = 0V
ISINK
Output Sink Current
VCC = 5V
1.75
3.6
mA
(N-Channel)
TA = 25°C, VOUT = VCC
ISINK
Output Sink Current
VCC = 10V
8.0
16
mA
(N-Channel)
TA = 25°C, VOUT = VCC


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn