Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74C164 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MM74C164
Description  8-Bit Parallel-Out Serial Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM74C164 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 2: AC Parameters are guaranteed by DC correlated testing.
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics application note
AN-90.
Typical Applications
74C Compatibility
Guaranteed Noise Margin
as a Function of VCC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd1
Propagation Delay Time to a Logical “0” or a
VCC = 5V
230
310
ns
Logical “1” from Clock to Q
VCC = 10V
90
120
tpd0
Propagation Delay Time to a Logical “0” from VCC = 5V
280
380
ns
Clear to Q
VCC = 10V
110
150
tS
Time Prior to Clock Pulse that Data
VCC = 5V
200
110
ns
Must be Present
VCC = 10V
80
30
tH
Time After Clock Pulse that
VCC = 5V
0
0
ns
Data Must be Held
VCC = 10V
0
0
fMAX
Maximum Clock Frequency
VCC = 5V
2.0
3
MHz
VCC = 10V
5.5
8
tW
Minimum Clear Pulse Width
VCC = 5V
150
250
ns
VCC = 10V
55
90
tr, tf
Maximum Clock Rise and Fall Time
VCC = 5V
15
µs
VCC = 10V
5
CIN
Input Capacitance
Any Input (Note 3)
5
pF
CPD
Power Dissipation Capacitance
(Note 4)
140
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn