Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLT390-50CMG Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # RLT390-50CMG
Description  RLT390-50CMG is an Violet Laser Diode emitting at 390 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT390-50CMG Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  RLT390-50CMG Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLT390-50CMG Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLT390-50CMG Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
- 2 -
17/09/13
Performance Characteristics
Output Power vs. Forward Current
Forward Voltage vs. Forward Current
Near Field Pattern
Spectrum
Beam diameter 1.3x2.0mm @ 20cm distance
sampß
spectrum recorded from RLT405-50CMG
Drawing
Dimensions in mm


Similar Part No. - RLT390-50CMG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT395-50CMG ROITHNER-RLT395-50CMG Datasheet
619Kb / 3P
   RLT395-50CMG is an Violet Laser Diode emitting at 395 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package.
More results

Similar Description - RLT390-50CMG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT405-50CMG ROITHNER-RLT405-50CMG Datasheet
617Kb / 3P
   RLT405-50CMG is an Violet Laser Diode emitting at 405 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
RLT410-50CMG ROITHNER-RLT410-50CMG Datasheet
616Kb / 3P
   RLT410-50CMG is an Violet Laser Diode emitting at 410 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
RLT415-50CMG ROITHNER-RLT415-50CMG Datasheet
615Kb / 3P
   RLT415-50CMG is an Violet Laser Diode emitting at 415 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
RLT395-50CMG ROITHNER-RLT395-50CMG Datasheet
619Kb / 3P
   RLT395-50CMG is an Violet Laser Diode emitting at 395 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package.
RLT420-50CMG ROITHNER-RLT420-50CMG Datasheet
786Kb / 4P
   RLT420-50CMG is an Violet Laser Diode emitting at 420 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
RLT400-50CMG ROITHNER-RLT400-50CMG Datasheet
792Kb / 4P
   RLT400-50CMG is an Ultra Violet Laser Diode emitting at 400 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
RLT425-50CMG ROITHNER-RLT425-50CMG Datasheet
775Kb / 4P
   RLT425-50CMG is a violet laser diode emitting at 425 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
RLT1080-10G ROITHNER-RLT1080-10G Datasheet
526Kb / 2P
   RLT1080-10G is a Laser Diode emitting at 1080 nm with rated output power of 10 mW CW at room temperature. The 9 mm TO package includes a cap and flat window, and contains a built in monitor PD
RLT1070-10MG ROITHNER-RLT1070-10MG Datasheet
492Kb / 2P
   RLT1070-10MG is a Laser Diode emitting at 1070 nm with rated output power of 10 mW CW at room temperature. The 5.6 mm TO package includes a cap and flat window, and contains a built inmonitor PD
logo
OSRAM GmbH
SPLMN91G2 OSRAM-SPLMN91G2 Datasheet
205Kb / 7P
   Passively Cooled Diode Laser Bar, 50 W cw at 915 nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com