Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLCO-940-1000-TO3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLCO-940-1000-TO3
Description  High Power Infrared Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLCO-940-1000-TO3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLCO-940-1000-TO3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLCO-940-1000-TO3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLCO-940-1000-TO3 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16.12.2010
RLCO-940-1000-TO3
1 of 3
RLCO-940-1000-TO3
TECHNICAL DATA
High Power Infrared Laser Diode
Features
• Lasing Mode Structure: multi mode
• Peak Wavelength : typ. 940 nm
• Optical Ouput Power: 1 W
• Package: TO-3, without Photodiode
Electrical Connection
Pin Configuration
Bottom View
PIN
Function
1
LD Cathode (isolated from case)
2
LD Anode
Absolute Maximum Ratings
Item
Symbol
Value
Unit
CW Output Power
PO
1
W
Operating Case Temperature
TC
-10 … +25
°C
Storage Temperature
Tstg
-20 … +80
°C
Specifications
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
1
-
W
Center Wavelength
λ
C
937
940
943
nm
Spectral Width (FWHM)
Δλ
-
2.0
2.5
nm
Wavelength Temperature Coefficient
∂λ / ∂T
-
0.3
-
nm/°C
θ
-
6
-
deg
FWHM Beam Divergence
θ
-
32
35
deg
Cavity Length
-
1000
-
µm
Emitting Width
W
-
50
-
µm
Polarization Ratio (TE)
-
95
-
%
Electrical Specifications
Threshold Current
Ith
-
0.15
0.20
A
Operating Current
Iop
-
1.2
-
A
Power Conversion Efficiency
45
50
-
%
Slope Efficiency
η
1.10
1.20
-
W/A
Operating Voltage
Uop
-
1.8
2.0
V
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - RLCO-940-1000-TO3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLCO-940-2000-TO3 ROITHNER-RLCO-940-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
RLCO-940-4000-TO3 ROITHNER-RLCO-940-4000-TO3 Datasheet
227Kb / 3P
   High Power Infrared Laser Diode
RLCO-940-5000-TO3 ROITHNER-RLCO-940-5000-TO3 Datasheet
130Kb / 3P
   High Power Infrared Laser Diode
More results

Similar Description - RLCO-940-1000-TO3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLT1060-100GS ETC2-RLT1060-100GS Datasheet
60Kb / 1P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLCO-940-2000-TO3 ROITHNER-RLCO-940-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
RLT808-150GS ROITHNER-RLT808-150GS Datasheet
63Kb / 1P
   High Power Infrared Laser Diode
logo
Samtec, Inc
RLT1300-40G SAMTEC-RLT1300-40G Datasheet
108Kb / 2P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT940-100GS ROITHNER-RLT940-100GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT905-300GS ROITHNER-RLT905-300GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT98500GOP ROITHNER-RLT98500GOP Datasheet
178Kb / 3P
   High Power Infrared Laser Diode
RLT981000G ROITHNER-RLT981000G Datasheet
111Kb / 2P
   High Power Infrared Laser Diode
RLT1600-30G ROITHNER-RLT1600-30G Datasheet
116Kb / 2P
   High Power Infrared Laser Diode
RLT1725-300HHL ROITHNER-RLT1725-300HHL Datasheet
92Kb / 1P
   High Power Infrared Laser Diode
RLCO-808-2000-TO3 ROITHNER-RLCO-808-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com