Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR5AS-12A-T13C05 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CR5AS-12A-T13C05
Description  600V - 5A - Thyristor Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR5AS-12A-T13C05 Datasheet(HTML) 7 Page - Renesas Technology Corp

  CR5AS-12A-T13C05 Datasheet HTML 1Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 2Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 3Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 4Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 5Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 6Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 7Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 8Page - Renesas Technology Corp CR5AS-12A-T13C05 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CR5AS-12A
Preliminary
R07DS0332EJ0300 Rev.3.00
Page 7 of 8
Jan 23, 2013
Package Dimensions
SC-63
0.32g
MASS[Typ.]
TMP3
PRSS0004ZG-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
0.5 ± 0.2
0.1 ± 0.1
0.5 ± 0.2
0.76
0.76 ± 0.2
2.3 ± 0.2
5.3 ± 0.2
6.6
2.3
Package Name
MP-3A
Previous Code
PRSS0004ZD-D
DPAK(L)-(3)/DPAK(L)-(3)V
MASS[Typ.]
0.36g
RENESAS Code
JEITA Package Code
Unit: mm
6.5 ± 0.5
5.4 ± 0.5
1.15 ± 0.1
0.6 ± 0.1
0.6 ± 0.1
0.8 ± 0.1
0.55 ± 0.1
0.55 ± 0.1
2.29
2.29
2.3 ± 0.2
0.55 ± 0.1
1.2 ± 0.3
0.55 ± 0.1
Package Name
DPAK(L)-(3)


Similar Part No. - CR5AS-12A-T13C05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results

Similar Description - CR5AS-12A-T13C05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE_15 Datasheet
102Kb / 3P
   400V - 5A - Thyristor Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5LM-12RB RENESAS-BCR5LM-12RB Datasheet
101Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA Datasheet
473Kb / 8P
   600V - 5A - Triac Medium Power Use
Feb. 1, 2019
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com