Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR5AS-12AC05 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CR5AS-12AC05
Description  600V - 5A - Thyristor Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR5AS-12AC05 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CR5AS-12AC05 Datasheet HTML 1Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 2Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 3Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 4Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 5Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 6Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 7Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 8Page - Renesas Technology Corp CR5AS-12AC05 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CR5AS-12A
Preliminary
R07DS0332EJ0300 Rev.3.00
Page 2 of 8
Jan 23, 2013
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
7.8
A
Average on-state current
IT (AV)
5
A
Commercial frequency, sine half wave
180° conduction, Tc = 88°C
Surge on-state current
ITSM
90
A
60Hz sine half wave 1 full cycle,
peak value, non-repetitive
I
2t for fusing
I
2t
33
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
0.5
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate forward voltage
VFGM
6
V
Peak gate reverse voltage
VRGM
6
V
Peak gate forward current
IFGM
0.3
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
0.32
g
MP-3A, Typical value
Mass
0.36
g
DPAK(L)-(3), Typical value
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
1.0
mA
Tj = 125°C, VRRM applied,
RGK = 220 
Repetitive peak off-state current
IDRM
1.0
mA
Tj = 125°C, VDRM applied,
RGK = 220 
On-state voltage
VTM
1.8
V
Tc = 25°C, ITM = 15 A,
instantaneous value
Gate trigger voltage
VGT
0.8
V
Tj = 25°C, VD = 6 V, IT = 0.1 A
Gate non-trigger voltage
VGD
0.1
V
Tj = 125°C, VD = 1/2 VDRM,
RGK = 220 
Gate trigger current
IGT
1
100
A
Tj = 25°C, VD = 6 V, IT = 0.1 A
Holding current
IH
3.5
mA
Tj = 25°C, VD = 12 V,
RGK = 220 
Thermal resistance
Rth (j-c)
3.0
°C/W
Junction to case
Note2
Notes: 2. The measurement point for case temperature is at anode tab.


Similar Part No. - CR5AS-12AC05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results

Similar Description - CR5AS-12AC05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE_15 Datasheet
102Kb / 3P
   400V - 5A - Thyristor Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5LM-12RB RENESAS-BCR5LM-12RB Datasheet
101Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA Datasheet
473Kb / 8P
   600V - 5A - Triac Medium Power Use
Feb. 1, 2019
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com