Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR05AM-16A-TBB00 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CR05AM-16A-TBB00
Description  Thyristor Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR05AM-16A-TBB00 Datasheet(HTML) 7 Page - Renesas Technology Corp

  CR05AM-16A-TBB00 Datasheet HTML 1Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 2Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 3Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 4Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 5Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 6Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CR05BM-12A
Preliminary
R07DS0992EJ0100 Rev.1.00
Page 7 of 7
Dec 20, 2012
Package Dimensions
SC-43A
0.23g
MASS[Typ.]
T920
PRSS0003EA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
φ5.0Max
4.4
1.25
Circumscribed circle
φ0.7
1.25
Package Name
TO-92
*
Ordering Information
Orderable Part Number (example)
Packing
Quantity
Remark
CR05BM-12A#B00
Bag
500 pcs.
Straight type
CR05BM-12A-D#B00
Bag
500 pcs.
Straight type, IGT item: D
CR05BM-12A-A6#B00
Bag
500 pcs.
A6 Lead form
CR05BM-12A-DA6#B00
Bag
500 pcs.
A6 Lead form, IGT item: D
CR05BM-12A-TB#B00
Adhesive Tape
2000 pcs.
A8 Lead form
CR05BM-12A-DTB#B00
Adhesive Tape
2000 pcs.
A8 Lead form, IGT item: D
Note:
Please confirm the specification about the shipping in detail.


Similar Part No. - CR05AM-16A-TBB00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05AM-16A RENESAS-CR05AM-16A_15 Datasheet
117Kb / 7P
   Thyristor Low Power Use
More results

Similar Description - CR05AM-16A-TBB00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com