Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR05AM-16A-TBB00 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CR05AM-16A-TBB00
Description  Thyristor Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR05AM-16A-TBB00 Datasheet(HTML) 5 Page - Renesas Technology Corp

  CR05AM-16A-TBB00 Datasheet HTML 1Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 2Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 3Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 4Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 5Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 6Page - Renesas Technology Corp CR05AM-16A-TBB00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CR05BM-12A
Preliminary
R07DS0992EJ0100 Rev.1.00
Page 5 of 7
Dec 20, 2012
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120
160
–40
040
80
120
Typical Example
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
RGK = 1k
Ω
Breakover Voltage vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
0
80
100
120
40
60
20
Typical Example
Tj = 125°C
10−1
100
101
102
Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Rate of Rise of Off-State Voltage (V/
μs)
160
0
80
100
120
140
40
60
20
Tj = 125°C
RGK = 1k
Ω
Typical Example
100
101
102
103
101
100
10−1
10−2
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
RGK = 1k
Ω
IGT(25°C) = 35
μA
Typical Example
Distribution
10−1
100
101
102
Holding Current vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
600
500
0
300
400
100
200
Typical Example
Tj = 125°C
102
101
100
10−1
100
101
102
10−1
Typical Example
Turn-On Time vs.
Gate Current
Gate Current (mA)
VD = 100V
RL = 47
Ω
RGK = 1k
Ω
Ta = 25°C


Similar Part No. - CR05AM-16A-TBB00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05AM-16A RENESAS-CR05AM-16A_15 Datasheet
117Kb / 7P
   Thyristor Low Power Use
More results

Similar Description - CR05AM-16A-TBB00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com