Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6429 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ML6429
Description  75??Quad Video Cable Drivers and Filters with Switchable Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6429 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ML6429 Datasheet HTML 1Page - Fairchild Semiconductor ML6429 Datasheet HTML 2Page - Fairchild Semiconductor ML6429 Datasheet HTML 3Page - Fairchild Semiconductor ML6429 Datasheet HTML 4Page - Fairchild Semiconductor ML6429 Datasheet HTML 5Page - Fairchild Semiconductor ML6429 Datasheet HTML 6Page - Fairchild Semiconductor ML6429 Datasheet HTML 7Page - Fairchild Semiconductor ML6429 Datasheet HTML 8Page - Fairchild Semiconductor ML6429 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ML6429
75
Ω Quad Video Cable Drivers and Filters
with Switchable Inputs
GENERAL DESCRIPTION
The ML6429 is a quad 4th-order Butterworth lowpass
reconstruction filter plus quad video amplifier optimized
for minimum overshoot and flat group delay. Each filter
channel has a two-input multiplexer that switches between
two groups of quad video signals. Applications driving
SCART and EVC cables are supported for composite,
component, and RGB video.
1VP-P input signals from DACs are AC coupled into the
ML6429, where they are DC restored. Outputs are AC
coupled, and drive 2VP-P into a 150Ω load. The ML6429
can be used with DC coupled outputs for certain
applications.
A fifth unfiltered channel is provided to support an
additional analog composite video input. A swapping
multiplexer between the two composite channels allows
the distribution amplifiers to output from either input.
Several ML6429s can be arranged in a master-slave
configuration where an external sync can be used for CV
and RGB outputs.
BLOCK DIAGRAM
CVINF/Y1*
SYNCIN
23
SYNCOUT
24
CVINUA/Y2*
3
CVINUB/Y3*
GINA/Y6
9
GINB/Y7
10
A/B MUX
BINA/C1
11
BINB/C2
12
RINA/Y4
7
RINB/Y5
8
CVOUT1/YOUTA
21
CVOUT2/YOUTB
20
ROUT/YOUTC
18
GOUT/YOUTD
16
BOUT/COUT
15
TRANSCONDUCTANCE
ERROR AMP
4th-ORDER
FILTER
4th-ORDER
FILTER
4th-ORDER
FILTER
4th-ORDER
FILTER
SYNC
TIMER
REQUIRED
SYNC STRIP
SWAP
MUX
MUX
MUX
MUX
MUX
×2
×2
×2
×2
×2
TRANSCONDUCTANCE
ERROR AMP
TRANSCONDUCTANCE
ERROR AMP
TRANSCONDUCTANCE
ERROR AMP
TRANSCONDUCTANCE
ERROR AMP
1
GNDO
19
VCCORGB
17
VCCOCV
22
VCC
6
SWAP CVF
14
SWAP CVU
13
GND
5
4
2
SYNC
TIMER
FILTERED CHANNEL
0.5V
+
0.5V
+
0.5V
+
0.5V
+
0.75V
+
*CAN ALSO INPUT SYNC ON GREEN SIGNALS
FEATURES
I Cable drivers for Peritel (SCART), Enhanced Video
Connector (EVC), and standard video connectors, 75
cable drivers for CV, S-video, and RGB
I 7.1MHz cutoffs CV, RGB, and S-video, NTSC or PAL
filters with mux inputs and output channel mux
I 7.1MHz to 8.4MHz cutoffs achievable with peaking
capacitor
I Quad 4th-order reconstruction or dual anti-aliasing filter
I 41dB stopband attenuation at 27MHz, 0.5dB flatness
up to 4.5MHz
I 12ns group delay flatness up to 10MHz
I 0.4% differential gain, 0.4º differential phase on all
channels, 0.4% total harmonic distortion on all channels
I 2kV ESD guaranteed
I Master-slave configuration allows up to 8 multiplexed,
filtered output signals
REV. 1.1 2/8/2001


Similar Part No. - ML6429

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
More results

Similar Description - ML6429

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6427 MICRO-LINEAR-ML6427 Datasheet
224Kb / 16P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Fairchild Semiconductor
ML6427 FAIRCHILD-ML6427 Datasheet
168Kb / 17P
   75W Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Fairchild Semiconductor
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
   Dual Channel Video Drivers with Integrated Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com