Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6429 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ML6429
Description  75??Quad Video Cable Drivers and Filters with Switchable Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6429 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ML6429 Datasheet HTML 1Page - Fairchild Semiconductor ML6429 Datasheet HTML 2Page - Fairchild Semiconductor ML6429 Datasheet HTML 3Page - Fairchild Semiconductor ML6429 Datasheet HTML 4Page - Fairchild Semiconductor ML6429 Datasheet HTML 5Page - Fairchild Semiconductor ML6429 Datasheet HTML 6Page - Fairchild Semiconductor ML6429 Datasheet HTML 7Page - Fairchild Semiconductor ML6429 Datasheet HTML 8Page - Fairchild Semiconductor ML6429 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ML6429
4
REV. 1.1 2/8/2001
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ±10%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
No Load (VCC = 5V)
90
mA
AV
Low Frequency Gain (All Channels)
VIN = 100mVP-P at 300kHz
5.34
6.0
6.65
dB
VSYNC
Channel Sync Output Level CV/Y, R/Y, G/Y Sync Present and Clamp Settled
0.7
0.9
1.1
V
B/C
Sync Present and Clamp Settled
1.2
1.4
1.5
V
Unfiltered
Sync Present and Clamp Settled
0.8
1.0
1.2
V
tCLAMP
Clamp Response Time
Settled to Within 10mV, CIN=0.1µF
10
ms
f0.5dB
0.5dB Bandwidth
All Outputs
4.5
MHz
(Flatness. All Filtered Channels)
fC
–3dB Bandwidth
All Outputs
(with no Peaking Cap.
6.8
7.1
MHz
(Flatness. All Filtered Channels)
See Figures 1 and 12)
0.8fC
0.8 x fC Attenuation, All Filtered Channels
All Outputs
1.5
dB
fSB
Stopband Rejection
All Filtered Channels
–35
–41
dB
fIN = 27MHz to 100MHz worst case
(See Figures 2 and 13)
Vi
Input Signal Dynamic Range (All Channels) AC Coupled
1.25
1.35
VP-P
NOISE
Output Noise (All Channels)
Over a Frequency Band
1
mVRMS
of 25Hz-50MHz
OS
Peak Overshoot (All Channels)
2VP-P Output Pulse
4.3
%
ISC
Output Short Circuit Current (All Channels) Note 2
120
mA
CL
Output Shunt Capacitance (All Channels)
Load at the Output Pin
35
pF
dG
Differential Gain (All Channels)
All Outputs
0.4
%
d
Φ
Differential Phase (All Channels)
All Outputs
0.4
º
THD
Output Distortion (All Channels)
VOUT = 1.8VP-P at 3.58/4.43MHz
0.4
%
XTALK
Crosstalk
Input of .5VP-P at 3.58/4.43MHz
–55
dB
on any channel to output of any
other channel
Input A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB
Swap Mux Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–52
dB
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC .................................................................................................. 6V
Junction Temperature ............................................. 150°C
ESD ..................................................................... >2000V
Storage Temperature Range...................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
θJA) ...................................... 80°C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
VCC Range ................................................... 4.5V to 5.5V


Similar Part No. - ML6429

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
More results

Similar Description - ML6429

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6427 MICRO-LINEAR-ML6427 Datasheet
224Kb / 16P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Fairchild Semiconductor
ML6427 FAIRCHILD-ML6427 Datasheet
168Kb / 17P
   75W Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Fairchild Semiconductor
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
   Dual Channel Video Drivers with Integrated Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com