Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APG2C1-410 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # APG2C1-410
Description  Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-410 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  APG2C1-410 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-410 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-410 Datasheet HTML 3Page - Roithner LaserTechnik GmbH APG2C1-410 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
13.08.2012
APG2C1-410
4 / 4
Soldering Conditions
Reflow Soldering:
APG2C1 LEDs have a maximum storage temperature of 85°. Therefor it is not possible to use
a reflow soldering process for array assembly!
Hot Bar Soldering:
A Hot Bar Soldering process is recommended when soldering APG2C1 emitters. This process
will only transfer heat to the leads and avoids overheating the emitter which will damage the
device. In order to transfer sufficient heat from the hot bar to the device, following parameters
must be carefully considered:
Amount of flux
Pressing force of solder tip
Hot bar temperature
For the standard assembly process, following parameters should be maintained:
Hot Bar temperature: 330 °C
Force of Hot Bar. 40 N
Soldering time: 1.5 s
It is recommended to use a copper nickel-plated hot bar mounted to standard temperature
controlled soldering equipment.
Manual Hand Soldering:
For prototype build or small series production runs, it is possible to place and solder the
emitters by hand. It is therefore recommended to maintain the following parameters:
Solder Tip Temperature 330 °C
Soldering time. < 1.5 s
Junction temperature must be kept below 70 °C
A visual inspection may be used to check the quality of the solder joint
General Soldering Precautions:
Mechanical stress, shock and vibration must be avoided during soldering
Only use non corrosive flux.
Do not apply current to the device until it has cooled down to room temperature after
soldering.


Similar Part No. - APG2C1-410

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-420 ROITHNER-APG2C1-420 Datasheet
336Kb / 4P
   High Power Single Chip LED
APG2C1-435 ROITHNER-APG2C1-435 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-470 ROITHNER-APG2C1-470 Datasheet
337Kb / 4P
   High Power Single Chip LED
APG2C1-490 ROITHNER-APG2C1-490 Datasheet
306Kb / 4P
   High Power Single Chip LED
More results

Similar Description - APG2C1-410

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-375-E ROITHNER-APG2C1-375-E Datasheet
318Kb / 4P
   Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours
APG2C1-365-E ROITHNER-APG2C1-365-E Datasheet
322Kb / 4P
   Structure: inGaN Peak Wavelength: 365nm Optical Output Power: typ. 135mW Life Time: 10.000 hours
APG2C1-385 ROITHNER-APG2C1-385 Datasheet
380Kb / 4P
   Struture: InGaN Peak Wavelength: 365 nm Optical Output Power: typ. 60 mW Life Time 10.000 hours
APG2C1-395 ROITHNER-APG2C1-395 Datasheet
324Kb / 4P
   Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
   Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LDM-0980-300M-92 ROITHNER-LDM-0980-300M-92 Datasheet
179Kb / 3P
   CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com