Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6427 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML6427
Description  75W Quad Video Cable Drivers and Filters with Switchable Inputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6427 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML6427 Datasheet HTML 1Page - Fairchild Semiconductor ML6427 Datasheet HTML 2Page - Fairchild Semiconductor ML6427 Datasheet HTML 3Page - Fairchild Semiconductor ML6427 Datasheet HTML 4Page - Fairchild Semiconductor ML6427 Datasheet HTML 5Page - Fairchild Semiconductor ML6427 Datasheet HTML 6Page - Fairchild Semiconductor ML6427 Datasheet HTML 7Page - Fairchild Semiconductor ML6427 Datasheet HTML 8Page - Fairchild Semiconductor ML6427 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ML6427
3
PIN DESCRIPTION
PIN
NAME
FUNCTION
1A/B MUX
Logic input pin to select between
Bank <A> or <B> of the CV, RGB,
or Y/C inputs. Internally pulled high.
2CVINU/Y1
Unfiltered analog composite video
or luma video input. Internally
pulled high. A composite or luma or
green signal must be present on
either the CVINFA/Y2 or the CVINFB/
Y3 input to provide necessary sync
signals to other channels (R, G, B, Y,
C). Otherwise, sync must be
provided at SYNCIN. For RGB
applications the green channel with
sync can be used as an input to this
pin (see RGB Applications section).
3CVINFA/Y2
Filtered analog composite video or
luma video input for Bank <A>.
Note that SYNC is stripped from this
signal for the other channels. A
composite or luma or green signal
must be present on either the
CVINFA/Y2 or the CVINFB/Y3 input
to provide necessary sync signals to
other channels (R, G, B, Y, C).
Otherwise, sync must be provided
at SYNCIN. For RGB applications
the green channel with sync can be
used as an input to this pin (see
RGB Applications section).
4CVINFB/Y3
Filtered analog composite video or
luma video input for Bank <B>.
Note that SYNC is stripped from this
signal for the other channels.
5
GND
Analog ground
6VCC
Analog 5V supply
7RINA/Y4
Filtered analog RED video or luma
video input for Bank <A>
8RINB / Y5
Filtered analog RED video or luma
video input for Bank <B>
9GINA/Y6
Filtered analog GREEN video or
luma video input for Bank <A>
10 GINB/Y7
Filtered analog GREEN video or
luma video input for Bank <B>
11 BINA/C1
Filtered analog BLUE video or
chroma video input for Bank <A>
PIN
NAME
FUNCTION
12 BINB/C2
Filtered analog BLUE video or
chroma video input for Bank <B>
13 SWAP CVF
Logic input pin to select whether
the outputs of CVOUT1/YOUTA and
CVOUT2/YOUTB are from filtered or
unfiltered CV sources. See Table 1.
Internally pulled low.
14 SWAP CVU
Logic input pin to select whether
the outputs of CVOUT1/YOUTA and
CVOUT2/YOUTB are from filtered or
unfiltered CV sources. See Table 1.
Internally pulled low.
15 BOUT/COUT
Analog BLUE video output or
chroma output from either BINA/C1
or BINB/C2
16 GOUT/YOUTD
Analog GREEN video output or
luma output from either GINA/Y6 or
GINB/Y7
17 VCCORGB
5V power supply for output buffers
of the RGB drivers
18 ROUT/YOUTC
Analog RED video output or luma
output from either RINA/Y4 or RINB/
Y5
19 GNDO
Ground for output buffers
20 CVOUT2/YOUTB Composite video output for channel
2 or luma output.
21 CVOUT1/YOUTA Composite video output for channel
1 or luma output.
22 VCCOCV
5V power supply for output buffers
of the CV drivers.
23 SYNCIN
Input for an external H-sync logic
signal for filtered channels. TTL or
CMOS. For normal operation
SYNCOUT is connected to
SYNCIN.
24 SYNCOUT
Logic output for H-sync detect for
CVINFA/Y2 or CVINFB/Y3. TTL or
CMOS. For normal operation
SYNCOUT is connected to
SYNCIN.


Similar Part No. - ML6427

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6427 MICRO-LINEAR-ML6427 Datasheet
224Kb / 16P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
ML6427CS MICRO-LINEAR-ML6427CS Datasheet
224Kb / 16P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
More results

Similar Description - ML6427

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6429 FAIRCHILD-ML6429 Datasheet
157Kb / 15P
   75??Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Micro Linear Corporatio...
ML6427 MICRO-LINEAR-ML6427 Datasheet
224Kb / 16P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Fairchild Semiconductor
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
   Dual Channel Video Drivers with Integrated Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com