Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3316STRLPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3316STRLPBF
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3316STRLPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3316STRLPBF Datasheet HTML 1Page - International Rectifier IR3316STRLPBF Datasheet HTML 2Page - International Rectifier IR3316STRLPBF Datasheet HTML 3Page - International Rectifier IR3316STRLPBF Datasheet HTML 4Page - International Rectifier IR3316STRLPBF Datasheet HTML 5Page - International Rectifier IR3316STRLPBF Datasheet HTML 6Page - International Rectifier IR3316STRLPBF Datasheet HTML 7Page - International Rectifier IR3316STRLPBF Datasheet HTML 8Page - International Rectifier IR3316STRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IR3316(S)PbF
Current Sense Characteristics
ter
Min.
Typ.
Max.
Units
Test Conditions
Symbol
Parame
Ratio
I Load/Iifb current ratio
ut=60A
7,500
8,800
9,950
Tj=25°C, Rfb=500
Ω,
Io
Ratio_TC
erature(6)
150°C
I Load/Iifb variation aver temp
-5
+5
%
Tj=-40°C to
Offset
-0.22
+0.2
ut=2A
Load current diagnostic offset
0
A
Io
Trst
Ifb response time (low signal)
1
µs
90% of the Iout step
Functional Block Diagram
All values are typ
1 ms
ical
3mA
VCC
Charge
Pump
Fast turn-off
Driver
reverse
battery
r
On/Off
Set
Latch
Reset
p otection
IN
IFB
OUT
Q
timer
43V
+
-
-
+
4.7V
Tj > 165°C
Iout > 120A
400µs
timer
-
+
29V
38V
43V
-
+
43V
Wai
Min. Pulse
t
www.irf.com
4


Similar Part No. - IR3316STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - IR3316STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3316 IRF-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316PBF IRF-IR3316PBF Datasheet
362Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6125RTRL INFINEON-AUIPS6125RTRL Datasheet
450Kb / 17P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Rev 1.3 2016-11-08
logo
International Rectifier
AUIR3317S IRF-AUIR3317S Datasheet
297Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3316 INFINEON-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
logo
International Rectifier
AUIR3316 IRF-AUIR3316_15 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com