Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7357 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7357
Description  UMTS Dual-Band 4x5mm Power Amplifier Module (Band1/Band8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7357 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7357 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ACPM-7357
UMTS Dual-Band 4x5mm Power Amplifier Module
(Band1/Band8)
Data Sheet
Description
The ACPM-7357 is a dual-band PAM (Power Amplifier
Module) designed for UMTS Band1 and Band8. The ACPM-
7357 meets stringent UMTS linearity requirements. The
4mmx5mm form factor 14-pin surface mount package
is self contained, incorporating 50ohm input and output
matching networks
The ACPM-7357 features 5th generation of CoolPAM
circuit technology which supports 3 modes – bypass, mid
and high power modes. The CoolPAM is stage bypass
technology which enables power amplifier to lower
power consumption. Active bypass feature is added to
5th generation to enhance power added efficiency at low
output range and this technology extends talk time of
mobiles more by further saving power amplifier’s current
consumption.
The power amplifier is manufactured on an advanced
InGaP HBT (hetero-junction Bipolar Transistor) MMIC
(microwave monolithic integrated circuit) technology
offering state-of-the-art reliability, temperature stability
and ruggedness
The Module is housed in a cost effective, small and thin
4x5mm package.
Block Diagram
Features
x Dual-Band PA (Band1 and Band8)
x Small Size (4x5mm)
x Thin Package (1.0mm typ)
x Excellent Linearity
x 3-mode power control
Bypass / Mid Power Mode / High Power Mode
x High Efficiency at max output power
x 14-pin surface mounting package
x Internal 50ohm matching networks for both RF input
and output
x Lead-free, RoHS compliant, Green
Applications
x UMTS Band1 and Band8
Ordering Information
Part Number
Number of
Devices
Container
ACPM-7357-TR1
1000
178mm (7”) Tape/Reel
ACPM-7357-BLK
100
Bulk
RFin_LB
RFin_HB
RFout_LB
RFout_HB
Bias Circuit & Control Logic
Bypass
Circuit
Bypass
Circuit
Impedance
Transformer
Impedance
Transformer
Output
Match
Output
Match
Vcc1
Vcc2
Vmode
Vbp
Ven_LB
Ven_HB
Input Match &
Power Divider
Input Match &
Power Divider


Similar Part No. - ACPM-7357

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357-BLK BOARDCOM-ACPM-7357-BLK Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357-TR1 BOARDCOM-ACPM-7357-TR1 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
More results

Similar Description - ACPM-7357

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7355 AVAGO-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-7382 BOARDCOM-ACPM-7382 Datasheet
660Kb / 16P
   UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
   UMTS-band 4W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com