Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7357 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7357
Description  UMTS Dual-Band 4x5mm Power Amplifier Module (Band1/Band8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7357 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7357 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7357 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Marking Specification
CoolPAM
Avago Technologies’ CoolPAM is stage-bypass PA technol-
ogy which saves more power compared with convention-
al PA. With this technology, the ACPM-7357 has very low
quiescent current, and efficiencies at low and medium
output power ranges are high.
Incorporation of bias circuit
The ACPM-7357 has internal bias circuit, which removes
the need for external constant voltage source (LDO). PA
on/off is controlled by Ven. This is digitally control pin.
3-mode power control with two mode control pins
The ACPM-7357 supports three power modes (bypass
power mode/mid power mode/high power mode) with
two mode control pins (Vmode and Vbp). This control
scheme enables the ACPM-7357 to save power consump-
tion more, which accordingly gives extended talk time.
PDF (probability density function) in the Figure 1. showing
distribution of output power of mobile in real field gives
motivation for stage-bypass PA. Output power is less than
16dBm for most of operating time (during talking), so it is
important to save power consumption at low and medium
output power ranges.
Figure 1. PDF and Current
Average current & Talk time
Average current consumed by PA can be calculated by
summing up current at each output power weighted with
probability. So it is expressed with integration of multipli-
cation of current and probability at each output power.
Average current =
³ (PDF x Current) dp
Talk time is extended more as average current consump-
extended more as average current consump-
more as average current consump-
consump-
tion is lowered.
Manufacturing Part Number
Lot Number
P
Manufacturing info
YY
Manufacturing Year
WW
Work Week
AAAAA
Assembly Lot Number
Pin1 Mark
AVAGO
ACPM-7357
PYYWW
AAAAA


Similar Part No. - ACPM-7357

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357-BLK BOARDCOM-ACPM-7357-BLK Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357-TR1 BOARDCOM-ACPM-7357-TR1 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
More results

Similar Description - ACPM-7357

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7355 AVAGO-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-7382 BOARDCOM-ACPM-7382 Datasheet
660Kb / 16P
   UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
   UMTS-band 4W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com