Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4826 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ML4826
Description  PFC and Dual Output PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4826 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ML4826 Datasheet HTML 1Page - Fairchild Semiconductor ML4826 Datasheet HTML 2Page - Fairchild Semiconductor ML4826 Datasheet HTML 3Page - Fairchild Semiconductor ML4826 Datasheet HTML 4Page - Fairchild Semiconductor ML4826 Datasheet HTML 5Page - Fairchild Semiconductor ML4826 Datasheet HTML 6Page - Fairchild Semiconductor ML4826 Datasheet HTML 7Page - Fairchild Semiconductor ML4826 Datasheet HTML 8Page - Fairchild Semiconductor ML4826 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ML4826
PRODUCT SPECIFICATION
2
REV. 1.0.5 2/14/02
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
IEAO
PFC transconductance current error amplifier output
2IAC
PFC gain control reference input
3ISENSE
Current sense input to the PFC current limit comparator
4VRMS
Input for PFC RMS line voltage compensation
5
SS
Connection point for the PWM soft start capacitor
6VDC
PWM voltage feedback input
7RTCT
Connection for oscillator frequency setting components
8
RAMP 1
PFC ramp input
9
RAMP 2
When in current mode, this pin functions as the current sense input; when in voltage mode,
it is the PWM input from the PFC output (feedforward ramp)
10
DC ILIMIT
PWM current limit comparator input
11
AGND
Analog signal ground
12
PGND
Return for the PWM totem-pole outputs
13
PWM 2
PWM driver 2 output
14
PWM 1
PWM drive 1 output
15
PFC OUT
PFC driver output
16
VCC2
Positive supply for the PWM drive outputs
17
VCC1
Positive supply (connected to an internal shunt regulator).
18
VREF
Buffered output for the internal 7.5V reference
19
VFB
PFC transconductance voltage error amplifier input
20
VEAO
PFC transconductance voltage error amplifier output
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IEAO
IAC
ISENSE
VRMS
SS
VDC
RTCT
RAMP 1
RAMP 2
DC ILIMIT
VEAO
VFB
VREF
VCC2
VCC1
PFC OUT
PWM 1
PWM 2
PGND
AGND
TOP VIEW
ML4826
20-Pin PDIP (P20)


Similar Part No. - ML4826

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4826 MICRO-LINEAR-ML4826 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
ML4826CP-1 MICRO-LINEAR-ML4826CP-1 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
ML4826CP-2 MICRO-LINEAR-ML4826CP-2 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
ML4826CS-1 MICRO-LINEAR-ML4826CS-1 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
ML4826CS-2 MICRO-LINEAR-ML4826CS-2 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
More results

Similar Description - ML4826

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4826 MICRO-LINEAR-ML4826 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4827 FAIRCHILD-ML4827 Datasheet
136Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
ML4827 MICRO-LINEAR-ML4827 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
logo
Fairchild Semiconductor
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com