Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0805 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CR0805
Description  Tight tolerances of bottom electrode width
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0805 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CR0805 Datasheet HTML 1Page - Bourns Electronic Solutions CR0805 Datasheet HTML 2Page - Bourns Electronic Solutions CR0805 Datasheet HTML 3Page - Bourns Electronic Solutions CR0805 Datasheet HTML 4Page - Bourns Electronic Solutions CR0805 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CR0603/CR0805/CR1206 - Chip Resistors
Electrical Characteristics
Characteristic Data
Dimensional Drawing
Derating Curve
DIMENSIONS ARE:
MM
(INCHES)
Features
RoHS compliant*
Power rating at 70 °C: CR0603 - 0.10 W,
CR0805 - 0.125 W, CR1206 - 0.25 W
Tight tolerances of bottom electrode
width
Suitable for all types of soldering
processes
Three layer contacting process with
nickel barrier prevents leaching and
provides excellent solderability
Paper tape on reel for automatic
placement
Characteristic
Model
Model
Model
CR0603
CR0805
CR1206
Power Rating @ 70 °C
1/10 W
1/8 W
1/4 W
Operating Temperature Range
-55 °C to +155 °C
Derated to 0 Load at
+155 °C
Maximum Working Voltage
50 V
150 V
200 V
Maximum Overload Voltage
100 V
300 V
400 V
Resistance Range: 1 %, E-96 + E-24
10 ohms - 1 megohm
Resistance Range: 5 %, E-24
1 ohms - 10 megohms
Zero Ohm Jumper <0.01 ohms
Temperature Coefficient
Special value on request
1 %: ±100 ppm/°C
5 %: ±200 ppm/°C
1 ohm - 10 ohms: -200 ppm/°C to +500 ppm/°C
L
H
I
2
I
2
W
I
1
I
1
Overcoat
Resistor (Ru02
)
(Jumper chip is
a conductor)
Alumina Substrate
Internal Electrode (Ag-Pd)
Secondary Electrode (Nickel Plated)
External Electrode
(see Part Numbering - may be
ordered as solder-plated
or tin-plated)
Chip Dimensions
Dimension
Model
Model
Model
CR0603
CR0805
CR1206
L
1.60±0.10
2.00±0.15
3.20±0.25
(0.063±0.004)
(0.079±0.006)
(0.126±0.010)
W
0.80±0.10
1.25±0.15
1.60±0.15
(0.031±0.004)
(0.049±0.006)
(0.063±0.006)
H
0.45±0.10
0.50±0.10
0.60±0.15
(0.018±0.004)
(0.020±0.004)
(0.024±0.006)
I1
0.30±0.20
0.40±0.20
0.50±0.25
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
I2
0.30±0.20
0.40±0.20
0.50±0.20
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
3.0
2.0
1.0
0
10
100
1K
10K 100K 1M
Load Life 1000Hr
∆ R/R
(%)
3.0
2.0
1.0
0
10
100
1K
10K 100K 1M
Moisture Load Life 1000Hr
∆ R/R
(%)
Resistance Value (Ω)
Resistance Value (Ω)
1.0
0.5
0
-0.5
10
100
1K
10K 100K 1M
Short Time Overload
∆ R/R
(%)
Resistance Value (Ω)
100
80
60
40
20
0
-55
0
70
155
(°C) Ambient temperature
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.


Similar Part No. - CR0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR0805 ETC1-CR0805 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Bourns Electronic Solut...
CR0805 BOURNS-CR0805 Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
logo
Welwyn Components Limit...
CR0805 WELWYN-CR0805 Datasheet
165Kb / 3P
   Surface Mounted Resistors
logo
Bourns Electronic Solut...
CR0805 BOURNS-CR0805 Datasheet
354Kb / 5P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
218Kb / 5P
   Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability
More results

Similar Description - CR0805

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-FX-4751ELF BOURNS-CR0603-FX-4751ELF Datasheet
218Kb / 5P
   Tight tolerances of bottom electrode width
CR0603-FX-1003ELF BOURNS-CR0603-FX-1003ELF Datasheet
218Kb / 5P
   Tight tolerances of bottom electrode width
logo
Keysight Technologies
16197A KEYSIGHT-16197A Datasheet
53Kb / 1P
   Bottom Electrode SMD Test Fixture
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com