Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0603-JW-220ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CR0603-JW-220ELF
Description  Tight tolerances of bottom electrode width
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603-JW-220ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CR0603-JW-220ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR0603-JW-220ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR0603-JW-220ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR0603-JW-220ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR0603-JW-220ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Performance Characteristics (Tests According to MIL-STD-202, MIL-R-55342B, EIA RS-396)
Test
Procedure
Method
Specification
Deviation from Nominal
1 %
5 %
DC Resistance
MIL-STD-202 303
MIL-R-55342D 4.7.2
F:≤±1 %
≤±5.0 %
EIA RS-396 4.4
Thermal Shock
-40 °C, 60 minutes;
MIL-STD-202 107
MIL-R-55342D 4.7.3
≤±0.5 % +0.05 Ω≤±1 % +0.05 Ω
+125 °C, 60 minutes
EIA RS-396 4.5
Low Temperature
-55 °C, 1 hour off;
MIL-R-55342D 4.7.4
MIL-R-55342D 4.7.4
≤±0.5 % 0.05 Ω≤±1.0 % +0.05 Ω
Operation
45 minutes on
EIA RS-396 4.6
Short Time
Rated Voltage x 2.5;
MIL-R-55342D 4.7.5
MIL-R-55342D 4.7.5
≤±1 % +0.05 Ω≤±2.0 % +0.05 Ω
Overload
5 seconds
EIA RS-396 4.7
CR0603: 100 V max.
CR0805; 300 V max.
CR1206: 400 V max.
High Temperature
+125 °C; 1000 hours
MIL-R-55342D 4.7.6
MIL-R-55342D 4.7.6
≤±1.0 % +0.05 Ω≤+2.0 % +0.1 Ω
Exposure
EIA RS-396 4.8
Resistance to
260 °C, 10 seconds
MIL-R-55342D 4.7.7
MIL-R-55342D 4.7.7
≤±0.5 % +0.05 Ω≤±1.0 % +0.05 Ω
Soldering Heat
Moisture
90-98 %RH; 10 cycles
MIL-STD-202 106D
MIL-R-55342D 4.7.8
≤±0.5 % +0.05 Ω≤±2.0 % +0.05 Ω
Resistance
EIA RS-396 4.9
Load Life
+70 °C; 1.5 hours on,
MIL-STD-202 108
MIL-R-55342D 4.7.10
≤±1.0 % +0.05 Ω≤±3.0 % +0.1 Ω
1000 Hours
0.5 hours off;
Condition D
1000 hours
EIA RS-396 4.12
Solderability
+235 °C; 3 seconds
MIL-STD-202 208
MIL-R-55342D 4.7.11
≥95 % of area
≥95 % of area
EIA RS-396 4.11
covered
covered
Terminal Strength
Pull Test
MIL-R-55342D 4.7.12
MIL-R-55342D 4.7.12
≥500 g
≥500 g
Current Noise
Quan-Tech Model 315B
MIL-STD-202 308
MIL-R-55342D 6.6
R≤1k Ω; max. 1 µV/V
R≤1k Ω; max. 1 µV/V
R≤10k Ω; max. 3 µV/V
R≤10k Ω; max. 3 µV/V
R≤100k Ω; max. 6 µV/V
R≤100k Ω; max. 6 µV/V
R≤1M Ω; max. 10 µV/V
R≤2M Ω; max. 10 µV/V
Humidity,
+40 °C; 90-95 % RH,
MIL-STD-202 103B
≤±2.5 % +0.05 Ω≤±2.5 % +0.05 Ω
Steady State
1344 Hours
Condition D
Salt Spray
96 hours
MIL-STD-202 101D
≤±1.0 % +0.2 Ω≤±1.0 % +0.1 Ω
Condition A
Vibration
10-2000 Hz, 6 hours
MIL-STD-202 201A
≤±0.5 % +0.1 Ω≤±1.0 % +0.1 Ω
Voltage Coefficient
MIL-STD-202 309
≤100 ppm/V
≤100 ppm/V
Insulation
Test Potential 500V
MIL-STD-202 302
≥10
3
M Ω≥103M Ω
Resistance
CR0603: 100V
Condition B
Dielectric
MIL-STD-202 301
≥500 V (CR1206, CR0805)
Withstanding
≥300 V (CR0603)
Voltage
Drop Test
1 m
MIL-STD-202 203B
≤±0.5 % +0.1 Ω≤±1.0 % +0.1 Ω
Bending Test
5 mm/90 mm; 10 sec.
≤±1 % +0.05 Ω≤±1.0 % +0.05 Ω
CR0603/CR0805/CR1206 - Chip Resistors


Similar Part No. - CR0603-JW-220ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-JW-1003ELF BOURNS-CR0603-JW-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-JW-1003EPF BOURNS-CR0603-JW-1003EPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-JW-1003GLF BOURNS-CR0603-JW-1003GLF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-JW-1003GPF BOURNS-CR0603-JW-1003GPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-JW-103E BOURNS-CR0603-JW-103E Datasheet
180Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results

Similar Description - CR0603-JW-220ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-FX-4751ELF BOURNS-CR0603-FX-4751ELF Datasheet
218Kb / 5P
   Tight tolerances of bottom electrode width
CR0603-FX-1003ELF BOURNS-CR0603-FX-1003ELF Datasheet
218Kb / 5P
   Tight tolerances of bottom electrode width
logo
Keysight Technologies
16197A KEYSIGHT-16197A Datasheet
53Kb / 1P
   Bottom Electrode SMD Test Fixture
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com