Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0603-FX-4751ELF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CR0603-FX-4751ELF
Description  Tight tolerances of bottom electrode width
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603-FX-4751ELF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CR0603-FX-4751ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR0603-FX-4751ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR0603-FX-4751ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR0603-FX-4751ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR0603-FX-4751ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CR0603/CR0805/CR1206 - Chip Resistors
How To Order
CR 1206 - F X - 8252 E LF
Model
(CR = Chip Resistor)
Size
• 0603
• 0805
• 1206
Resistance Tolerance
F = ±1 % ..............Used with “X” TCR code only for values from 10 ohms through 1 megohm.
J = ±5 % ..............Used with “W” TCR code for values from 10 ohms through 10 megohms. Used with “/” TCR code for zero ohm (jumper)
and for values from 1 ohm through 9.1 ohms.
TCR (ppm/°C)
X = ±100 ..............Used with “F” Resistance Tolerance code only for values from 10 ohms through 1 megohm.
W = ±200 ..............Used with “J” Resistance Tolerance code for values from 10 ohms through 10 megohms.
/ = -250 to +500 ..Used with “J” Resistance Tolerance code only for zero ohm (jumper), and for values from 1 ohm through 9.1 ohms.
Resistance Value
For 1 % Tolerance:
<100 ohms..............“R” represents decimal point (example: 24R3 = 24.3 ohms)
≥100 ohms ..............First three digits are significant, fourth digit represents number of zeros to follow (example: 8252 = 82.5k ohms).
For 5 % Tolerance:
<10 ohms................“R” represents decimal point (example: 4R7 = 4.7 ohms)
≥10 ohms ................First two digits are significant, third digit represents number of zeros to follow (example: 474 = 470k ohms; 000 = Jumper).
Packaging
E = Paper Tape (5,000 pcs.) on 7 ” Plastic Reel
Termination
LF = Tin-plated (RoHS compliant)
REV. 02/08


Similar Part No. - CR0603-FX-4751ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
CR0603-FX-1002EAS BOURNS-CR0603-FX-1002EAS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-FX-1002ELF BOURNS-CR0603-FX-1002ELF Datasheet
218Kb / 5P
   Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability
CR0603-FX-1003ELF BOURNS-CR0603-FX-1003ELF Datasheet
218Kb / 5P
   Tight tolerances of bottom electrode width
CR0603-FX-1003ELF BOURNS-CR0603-FX-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
More results

Similar Description - CR0603-FX-4751ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-JW-220ELF BOURNS-CR0603-JW-220ELF Datasheet
218Kb / 5P
   Tight tolerances of bottom electrode width
CR0603-FX-1003ELF BOURNS-CR0603-FX-1003ELF Datasheet
218Kb / 5P
   Tight tolerances of bottom electrode width
logo
Keysight Technologies
16197A KEYSIGHT-16197A Datasheet
53Kb / 1P
   Bottom Electrode SMD Test Fixture
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com