Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4819 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ML4819
Description  Power Factor and PWM Controller ?쏞ombo?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4819 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ML4819 Datasheet HTML 1Page - Fairchild Semiconductor ML4819 Datasheet HTML 2Page - Fairchild Semiconductor ML4819 Datasheet HTML 3Page - Fairchild Semiconductor ML4819 Datasheet HTML 4Page - Fairchild Semiconductor ML4819 Datasheet HTML 5Page - Fairchild Semiconductor ML4819 Datasheet HTML 6Page - Fairchild Semiconductor ML4819 Datasheet HTML 7Page - Fairchild Semiconductor ML4819 Datasheet HTML 8Page - Fairchild Semiconductor ML4819 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ML4819
2
REV. 1.0 10/10/2000
PIN CONFIGURATION
PIN
NAME
FUNCTION
PIN
NAME
FUNCTION
1
ISENSE A
Input form the PFC current sense
transformer to the PWM comparator
(+). Current Limit occurs when this
point reaches 5V.
2
OVP
Input to Over-Voltage comparator.
3
GM OUT
Output of Gain Modulator. A resistor
to ground on this pin converts the
current to a voltage.
4
EA OUT A
Output of error amplifier.
5
INV A
Inverting input to error amplifier.
6ISINE
Current Multiplier input.
7
DUTY CYCLE PWM controller duty cycle is limited
by setting this pin to a fixed voltage.
8
PWM B
Error voltage feedback input.
9ISENSE B
Input for Current Sense resistor for
current mode operation or for
Oscillator ramp for voltage mode
operation.
10 RT
Oscillator timing resistor pin. A 5V
source across this resistor sets the
charging current for CT
11 ILIM
Cycle by cycle PWM current limit.
Exceeding 1V threshold on this pin
terminates the PWM cycle.
12 RAMP COMP Buffered output from the Oscillator
Ramp (CT). A resistor to ground sets a
current, 1/2 of which is sourced on
pins 9 and 11.
13 GND B
Return for the high current totem pole
output of the PWM controller.
14 OUT B
PWM controller totem pole output.
15 VCC
Positive Supply for the IC.
16 OUT A
PFC controller totem pole output.
17 GND A
Return for the high current totem pole
output of the PFC controller.
18 VREF
Buffered output for the 5V voltage
reference
19 GND
Analog signal ground.
20 CT
Timing Capacitor for the Oscillator.
PIN DESCRIPTION
ML4819
20-Pin PDIP
ISENSE A
OVP
GM OUT
EA OUT A
INV A
ISINE
DUTY CYCLE
PWM B
ISENSE B
RT
CT
GND
VREF
PGND A
OUT A
VCC
OUT B
PGND B
RAMP COMP
ILIM
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW


Similar Part No. - ML4819

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
ML4819CP MICRO-LINEAR-ML4819CP Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
ML4819CS MICRO-LINEAR-ML4819CS Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
More results

Similar Description - ML4819

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com