Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC908GR4MDWR2 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MC908GR4MDWR2
Description  M68HC08 Microcontrollers
Download  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908GR4MDWR2 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MC908GR4MDWR2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908GR4MDWR2 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 408 page
background image
Low Power Modes
Technical Data
MC68HC908GR8 — Rev 4.0
52
Low Power Modes
MOTOROLA
3.6 Clock Generator Module (CGM)
3.6.1 Wait Mode
The CGM remains active in wait mode. Before entering wait mode,
software can disengage and turn off the PLL by clearing the BCS and
PLLON bits in the PLL control register (PCTL). Less power-sensitive
applications can disengage the PLL without turning it off. Applications
that require the PLL to wake the MCU from wait mode also can deselect
the PLL output without turning off the PLL.
3.6.2 Stop Mode
If the OSCSTOPEN bit in the CONFIG register is cleared (default), then
the STOP instruction disables the CGM (oscillator and phase-locked
loop) and holds low all CGM outputs (CGMXCLK, CGMOUT, and
CGMINT).
If the STOP instruction is executed with the VCO clock, CGMVCLK,
divided by two driving CGMOUT, the PLL automatically clears the BCS
bit in the PLL control register (PCTL), thereby selecting the crystal clock,
CGMXCLK, divided by two as the source of CGMOUT. When the MCU
recovers from STOP, the crystal clock divided by two drives CGMOUT
and BCS remains clear.
If the OSCSTOPEN bit in the CONFIG register is set, then the phase
locked loop is shut off, but the oscillator will continue to operate in stop
mode.
3.7 Computer Operating Properly Module (COP)
3.7.1 Wait Mode
The COP remains active in wait mode. To prevent a COP reset during
wait mode, periodically clear the COP counter in a CPU interrupt routine
or a DMA service routine.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC908GR4MDWR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC908GR4MDWR2 MOTOROLA-MC908GR4MDWR2 Datasheet
3Mb / 408P
   Microcontrollers
logo
Freescale Semiconductor...
MC908GR4MDWR2 FREESCALE-MC908GR4MDWR2 Datasheet
3Mb / 286P
   M68HC08 Microcontrollers
More results

Similar Description - MC908GR4MDWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com