Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT16-J4 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CAT16-J4
Description  Convex and concave terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT16-J4 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CAT16-J4 Datasheet HTML 1Page - Bourns Electronic Solutions CAT16-J4 Datasheet HTML 2Page - Bourns Electronic Solutions CAT16-J4 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CAT/CAY 16 Series - Chip Resistor Arrays
Land Patterns
a
f
b
p
Solder
resist
Land
Chip
resistor
array
a
f
bp
Solder
resist
Land
Chip
resistor
array
a
f
b
Solder
resist
Land
Chip
resistor
array
p
a
f
b
p
Solder
resist
Land
Chip
resistor
array
CAT16-F4, -J4, -F8, -J8
CAY16-F4, -J4, -J8
CAT16-J2
CAY16-J2
Model
a
b
p
f
CAT16-F4, -J4, -F8, -J8
0.7 to 0.9
0.4 to 0.45
0.80
2.2 to 2.6
(.028 to .035)
(.016 to .0178)
(.032)
(.087 to .102)
CAY16-F4, -J4
0.7 to 0.9
0.4 to 0.45
0.80
2.4 to 2.8
(.028 to .035)
(.016 to .0178)
(.032)
(.094 to .11)
CAY16-J8
0.7 to 0.9
0.3 to 0.35
0.50
2.0 to 2.2
(.028 to .035)
(.012 to .014)
(.020)
(.079 to .087)
CAT16-J2
0.7 to 0.9
0.4 to 0.45
0.80
2.2 to 2.6
(.028 to .035)
(.016 to .0178)
(.032)
(.087 to .102)
CAY16-J2
0.7 to 0.9
0.4 to 0.5
0.80
2.0 to 2.6
(.028 to .035)
(.016 to .020)
(.032)
(.079 to .102)
Packaging Dimensions
4.0 ± 0.1
(.158 ± .004)
2.0 + 0.1/-0.2
(.08 + .004/-.008)
4.0 ± 0.1
(.157 ± .004)
1.0
(.039)
MAX.
a
c
b
1.5 + 0.1 - 0
(.059 + .004 - 0)
180
(7.087)
2.0 ± 0.5
(.079 ± .020)
60
(2.362)
21.0 ± 0.8
(.827 ± .031)
13.0 ± 0.5
(.511 ± .020)
d
e
DIMENSIONS:
MM
(INCHES)
Model
a
b
c
d
e
CAT16-F4, -J4 & CAY16-F4, J4
3.60 ± 0.20
3.50 ± .005
8.0 ± 0.3
9.0 ± 0.3
11.4 ± 1.0
(.142 ± .008)
(.138 ± .004)
(.315 ± .012)
(.354 ± .012)
(.449 ± .040)
CAT16-J2 & CAY16-J2
1.80 ± 0.10
3.50 ± .005
8.0 ± 0.3
9.0 ± 0.3
11.4 ± 1.0
(.070 ± .004)
(.138 ± .004)
(.315 ± .012)
(.354 ± .012)
(.449 ± .040)
CAT16-F8, -J8
6.90 ± 0.20
5.50 ± 0.10
12.0 ± 0.2
13.0 ± 0.2
15.4 ± 1.0
(.272 ± .008)
(.217 ± .004)
(.472 ± .008)
(.512 ± .008)
(.606 ± .040)
CAY16-J8
4.10 ± 0.15
3.50 ± 0.05
8.0 ± 0.3
9.0 ± 0.3
11.4 ± 1.0
(.161 ± .012)
(.138 ± .002)
(.315 ± .012)
(.354 ± .012)
(.449 ± .040)
• 5,000 pcs. per reel (J2, J4, CAY16-J8)
4,000 pcs. per reel (CAT16-F8, -J8)
• Paper tape
REV. 08/10


Similar Part No. - CAT16-J4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CAT16-J4 BOURNS-CAT16-J4 Datasheet
535Kb / 3P
   Chip Resistor Arrays Resistance range: 10 ohms to 1 megohm
CAT16-J4 BOURNS-CAT16-J4 Datasheet
485Kb / 4P
   Chip Resistor Arrays
CAT16-J4 BOURNS-CAT16-J4 Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-J4 BOURNS-CAT16-J4 Datasheet
552Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-J4 BOURNS-CAT16-J4 Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results

Similar Description - CAT16-J4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A3G OMRON-A3G Datasheet
296Kb / 18P
   Lighted and non-lighted/convex versions
logo
List of Unclassifed Man...
YC124-JR-0733RL ETC2-YC124-JR-0733RL Datasheet
320Kb / 10P
   This specification describes YC124 (convex) and TC124 (concave) series chip resistor arrays with lead-free terminations made by thick film process.
YC164-JR-071KL ETC2-YC164-JR-071KL Datasheet
338Kb / 8P
   This specification describes YC164 (convex) and TC164 (concave) series chip resistor arrays with lead-free terminations made by thick film process.
logo
Stackpole Electronics, ...
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
RCD COMPONENTS INC.
SMN2010A-1R00-J RCD-SMN2010A-1R00-J Datasheet
71Kb / 1P
   THICK FILM CONVEX CHIP ARRAYS
logo
Bourns Electronic Solut...
CAT16-LV2F61 BOURNS-CAT16-LV2F61 Datasheet
92Kb / 1P
   Concave Chip Array
CAT16-PC4F12 BOURNS-CAT16-PC4F12 Datasheet
355Kb / 1P
   Concave Chip Array
logo
SparkFun Electronics
COM-09338 SPARKFUN-COM-09338 Datasheet
181Kb / 1P
   Concave Button - Yellow
5/25/2016
COM-09340 SPARKFUN-COM-09340 Datasheet
174Kb / 1P
   Concave Button - White
5/25/2016
logo
Bourns Electronic Solut...
CAT16-PC4F12LF BOURNS-CAT16-PC4F12LF Datasheet
346Kb / 1P
   Concave Chip Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com