Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC908GR4CFAR2 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC908GR4CFAR2
Description  M68HC08 Microcontrollers
Download  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908GR4CFAR2 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC908GR4CFAR2 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 408 page
background image
Resets and Interrupts
Technical Data
MC68HC908GR8 — Rev 4.0
74
Resets and Interrupts
MOTOROLA
Noise flag (NF) — NF is set when the SCI detects noise on
incoming data or break characters, including start, data, and stop
bits. The noise error interrupt enable bit, NEIE, enables NF to
generate SCI error CPU interrupt requests. NF is in SCI status
register 1. NEIE is in SCI control register 3.
Framing error bit (FE) — FE is set when a logic 0 occurs where the
receiver expects a stop bit. The framing error interrupt enable bit,
FEIE, enables FE to generate SCI error CPU interrupt requests.
FE is in SCI status register 1. FEIE is in SCI control register 3.
Parity error bit (PE) — PE is set when the SCI detects a parity error
in incoming data. The parity error interrupt enable bit, PEIE,
enables PE to generate SCI error CPU interrupt requests. PE is in
SCI status register 1. PEIE is in SCI control register 3.
4.4.2.9 KBD0–KBD4 Pins
A logic 0 on a keyboard interrupt pin latches an external interrupt
request.
4.4.2.10 ADC (Analog-to-Digital Converter)
When the AIEN bit is set, the ADC module is capable of generating a
CPU interrupt after each ADC conversion. The COCO/IDMAS bit is not
used as a conversion complete flag when interrupts are enabled.
4.4.2.11 TBM (Timebase Module)
The timebase module can interrupt the CPU on a regular basis with a
rate defined by TBR2–TBR0. When the timebase counter chain rolls
over, the TBIF flag is set. If the TBIE bit is set, enabling the timebase
interrupt, the counter chain overflow will generate a CPU interrupt
request.
Interrupts must be acknowledged by writing a logic 1 to the TACK bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC908GR4CFAR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC908GR4CFAR2 MOTOROLA-MC908GR4CFAR2 Datasheet
3Mb / 408P
   Microcontrollers
logo
Freescale Semiconductor...
MC908GR4CFAR2 FREESCALE-MC908GR4CFAR2 Datasheet
3Mb / 286P
   M68HC08 Microcontrollers
More results

Similar Description - MC908GR4CFAR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com