Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC908GR4CFAR2 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MC908GR4CFAR2
Description  M68HC08 Microcontrollers
Download  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908GR4CFAR2 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MC908GR4CFAR2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 408 page
background image
Low Power Modes
Serial Peripheral Interface Module (SPI)
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Low Power Modes
55
3.11.2 Stop Mode
The SCI module is inactive in stop mode. The STOP instruction does not
affect SCI register states. SCI module operation resumes after the MCU
exits stop mode.
Because the internal clock is inactive during stop mode, entering stop
mode during an SCI transmission or reception results in invalid data.
3.12 Serial Peripheral Interface Module (SPI)
3.12.1 Wait Mode
The SPI module remains active in wait mode. Any enabled CPU interrupt
request from the SPI module can bring the MCU out of wait mode.
If SPI module functions are not required during wait mode, reduce power
consumption by disabling the SPI module before executing the WAIT
instruction.
3.12.2 Stop Mode
The SPI module is inactive in stop mode. The STOP instruction does not
affect SPI register states. SPI operation resumes after an external
interrupt. If stop mode is exited by reset, any transfer in progress is
aborted, and the SPI is reset.
3.13 Timer Interface Module (TIM1 and TIM2)
3.13.1 Wait Mode
The TIM remains active in wait mode. Any enabled CPU interrupt
request from the TIM can bring the MCU out of wait mode.
If TIM functions are not required during wait mode, reduce power
consumption by stopping the TIM before executing the WAIT instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC908GR4CFAR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC908GR4CFAR2 MOTOROLA-MC908GR4CFAR2 Datasheet
3Mb / 408P
   Microcontrollers
logo
Freescale Semiconductor...
MC908GR4CFAR2 FREESCALE-MC908GR4CFAR2 Datasheet
3Mb / 286P
   M68HC08 Microcontrollers
More results

Similar Description - MC908GR4CFAR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com