Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC908GR4CFAR2 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MC908GR4CFAR2
Description  M68HC08 Microcontrollers
Download  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908GR4CFAR2 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MC908GR4CFAR2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908GR4CFAR2 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 408 page
background image
Low Power Modes
Technical Data
MC68HC908GR8 — Rev 4.0
50
Low Power Modes
MOTOROLA
3.2.1 Wait Mode
The WAIT instruction puts the MCU in a low-power standby mode in
which the CPU clock is disabled but the bus clock continues to run.
Power consumption can be further reduced by disabling the LVI module
and/or the timebase module through bits in the CONFIG register. (See
Configuration Register (CONFIG).)
3.2.2 Stop Mode
Stop mode is entered when a STOP instruction is executed. The CPU
clock is disabled and the bus clock is disabled if the OSCSTOPENB bit
in the CONFIG register is at a logic 0. (See Configuration Register
(CONFIG).)
3.3 Analog-to-Digital Converter (ADC)
3.3.1 Wait Mode
The ADC continues normal operation during wait mode. Any enabled
CPU interrupt request from the ADC can bring the MCU out of wait
mode. If the ADC is not required to bring the MCU out of wait mode,
power down the ADC by setting ADCH4–ADCH0 bits in the ADC status
and control register before executing the WAIT instruction.
3.3.2 Stop Mode
The ADC module is inactive after the execution of a STOP instruction.
Any pending conversion is aborted. ADC conversions resume when the
MCU exits stop mode after an external interrupt. Allow one conversion
cycle to stabilize the analog circuitry.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC908GR4CFAR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC908GR4CFAR2 MOTOROLA-MC908GR4CFAR2 Datasheet
3Mb / 408P
   Microcontrollers
logo
Freescale Semiconductor...
MC908GR4CFAR2 FREESCALE-MC908GR4CFAR2 Datasheet
3Mb / 286P
   M68HC08 Microcontrollers
More results

Similar Description - MC908GR4CFAR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com