Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMN9SNA197 Datasheet(PDF) 5 Page - ITT Industries

Part # DEMN9SNA197
Description  The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMN9SNA197 Datasheet(HTML) 5 Page - ITT Industries

  DEMN9SNA197 Datasheet HTML 1Page - ITT Industries DEMN9SNA197 Datasheet HTML 2Page - ITT Industries DEMN9SNA197 Datasheet HTML 3Page - ITT Industries DEMN9SNA197 Datasheet HTML 4Page - ITT Industries DEMN9SNA197 Datasheet HTML 5Page - ITT Industries DEMN9SNA197 Datasheet HTML 6Page - ITT Industries DEMN9SNA197 Datasheet HTML 7Page - ITT Industries DEMN9SNA197 Datasheet HTML 8Page - ITT Industries DEMN9SNA197 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 302 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
4
D Subminiature
D*NG
Straight Pressfit Termination
Mounting Types
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
Part Numbers
Shell
Size
Layout
Through
Hole
Clinch Nut
# 4-40 UNC
Clinch Nut
M3
Press-In Bolt
# 4-40 UNC
Press-In Bolt
M3
DE
9
DENG9P-P1
DENGE9P-P1
DENGX9P-P1
DENGZ9P-P1
DENGL9P-P1
DA
15
DANG15P-P1
DANGE15P-P1
DANGX15P-P1
DANGZ15P-P1
DANGL15P-P1
DB
25
DBNG25P-P1
DBNGE25P-P1
DBNGX25P-P1
DBNGZ25P-P1
DBNGL25P-P1
DC
37
DCNG37P-P1
DCNGE37P-P1
DCNGX37P-P1
DCNGZ37P-P1
DCNGL37P-P1
DD
50
DDNG50P-P1
DDNGE50P-P1
DDNGX50P-P1
DDNGZ50P-P1
DDNGL50P-P1
Note: For performance class 1 (gold over PdNi finish) add -408. Example: DENG9P-P1-408.
Through Hole
Clinch Nut
Press-In Bolt
Plug
Engaging Face
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
2,15 (.085)
MAX
2,84 (.112)
5,69
(.224)
2,84 (.112)
2,15 (.085)
MAX
D
E
B
C
A
10
°
1
23
4
5
6
7
8
910 11 12
13 14
15
5,70
± 0,20
(.224
± .008)
6,00 - 0,25
(.236 - .010)
5,60 (.220)
MAX


Similar Part No. - DEMN9SNA197

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEMN9SNA197 ITT-DEMN9SNA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DEMN9SNA197

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS3102A18-8PX ITT-MS3102A18-8PX Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com