Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1500457 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part No. 1500457
Description  Integrated Host Processor Hardware Specifications
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

1500457 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 1500457 Datasheet HTML 56Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 57Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 58Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 59Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 60Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 61Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 62Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 63Page - Freescale Semiconductor, Inc 1500457 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
60
Freescale Semiconductor
Package and Pin Listings
MPH1_PWRFAULT/
DR_RX_ERROR_PWRFAULT
E27
I
OVDD
MPH1_PCTL0/DR_TX_VALID_PCTL0
A29
O
OVDD
MPH1_PCTL1/DR_TX_VALIDH_PCTL1
D28
O
OVDD
MPH1_CLK/DR_CLK
B29
I
OVDD
USB Port 0
MPH0_D0_ENABLEN/
DR_D8_CHGVBUS
C29
I/O
OVDD
MPH0_D1_SER_TXD/
DR_D9_DCHGVBUS
A30
I/O
OVDD
MPH0_D2_VMO_SE0/DR_D10_DPPD
E28
I/O
OVDD
MPH0_D3_SPEED/DR_D11_DMMD
B30
I/O
OVDD
MPH0_D4_DP/DR_D12_VBUS_VLD
C30
I/O
OVDD
MPH0_D5_DM/DR_D13_SESS_END
A31
I/O
OVDD
MPH0_D6_SER_RCV/DR_D14
B31
I/O
OVDD
MPH0_D7_DRVVBUS/
DR_D15_IDPULLUP
C31
I/O
OVDD
MPH0_NXT/DR_RX_ACTIVE_ID
B32
I
OVDD
MPH0_DIR_DPPULLUP/DR_RESET
A32
I/O
OVDD
MPH0_STP_SUSPEND/
DR_TX_READY
A33
I/O
OVDD
MPH0_PWRFAULT/DR_RX_VALIDH
C32
I
OVDD
MPH0_PCTL0/DR_LINE_STATE0
D31
I/O
OVDD
MPH0_PCTL1/DR_LINE_STATE1
E30
I/O
OVDD
MPH0_CLK/DR_RX_VALID
B33
I
OVDD
Programmable Interrupt Controller
MCP_OUT
AN33
O
OVDD
2
IRQ0/MCP_IN/GPIO2[12]
C19
I/O
OVDD
IRQ[1:5]/GPIO2[13:17]
C22, A22, D21, C21, B21
I/O
OVDD
IRQ[6]/GPIO2[18]/CKSTOP_OUT
A21
I/O
OVDD
IRQ[7]/GPIO2[19]/CKSTOP_IN
C20
I/O
OVDD
Ethernet Management Interface
EC_MDC
A7
O
LVDD1
EC_MDIO
E9
I/O
LVDD1
11
Table 55. MPC8349EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn