Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4802 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML4802
Description  PFC/PWM Controller Combo with Green Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4802 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML4802 Datasheet HTML 1Page - Fairchild Semiconductor ML4802 Datasheet HTML 2Page - Fairchild Semiconductor ML4802 Datasheet HTML 3Page - Fairchild Semiconductor ML4802 Datasheet HTML 4Page - Fairchild Semiconductor ML4802 Datasheet HTML 5Page - Fairchild Semiconductor ML4802 Datasheet HTML 6Page - Fairchild Semiconductor ML4802 Datasheet HTML 7Page - Fairchild Semiconductor ML4802 Datasheet HTML 8Page - Fairchild Semiconductor ML4802 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ML4802
REV. 1.0.1 12/12/2000
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 15V, RT = 29.4k
Ω, RRAMP1 = 15.4kΩ, CT = 270pF, CRAMP1 = 620pF,
TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE ERROR AMPLIFIER
Input Voltage Range
0
5
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
20
35
50
µ
Feedback Reference Voltage
2.4
2.5
2.6
V
Input Bias Current
Note 2
-0.5
-1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.2
0.5
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–1
–2.5
–4
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
–1
–2.5
–4
µA
Open Loop Gain
50
60
dB
PSRR
11V < VCC < 16.5V
50
60
dB
CURRENT ERROR AMPLIFIER
Input Voltage Range
-1.5
2
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
50
100
150
µ
Input Offset Voltage
–5
3
10
mV
Input Bias Current
-0.5
-1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.65
1.0
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
-40
-70
-150
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
70
150
µA
Open Loop Gain
60
75
dB
PSRR
11V < VCC < 16.5V
60
75
dB
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ...........................................................................18V
ISENSE Voltage ................................................ –3V to 5V
Voltage on Any Other Pin ..... GND – 0.3V to VCC + 0.3V
IREF ........................................................................ 20mA
IAC Input Current .................................................... 10mA
PeakCurrent, Source or Sink
PFC OUT, PWM OUT ........................................ 500mA
PFC OUT, PWM OUT Energy Per Cycle ................... 1.5
µJ
Junction Temperature ............................................. 150
°C
Storage Temperature Range ...................... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260
°C
Thermal Resistance (
θja)
Plastic DIP ....................................................... 80
°C/W
Plastic SOIC ................................................... 105
°C/W
OPERATING CONDITIONS
Temperature Range
ML4802CX ................................................ 0
°C to 70°C
ML4802IX .............................................. –40
°C to 85°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - ML4802

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
ML4802CP MICRO-LINEAR-ML4802CP Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
ML4802CS MICRO-LINEAR-ML4802CS Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
ML4802IP MICRO-LINEAR-ML4802IP Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
ML4802IS MICRO-LINEAR-ML4802IS Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
More results

Similar Description - ML4802

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
logo
Champion Microelectroni...
CM6802 CHAMP-CM6802 Datasheet
338Kb / 18P
   NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
SG6932 FAIRCHILD-SG6932 Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com