Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT2300 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT2300
Description  SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT2300 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT2300 Datasheet HTML 1Page - ON Semiconductor CAT2300 Datasheet HTML 2Page - ON Semiconductor CAT2300 Datasheet HTML 3Page - ON Semiconductor CAT2300 Datasheet HTML 4Page - ON Semiconductor CAT2300 Datasheet HTML 5Page - ON Semiconductor CAT2300 Datasheet HTML 6Page - ON Semiconductor CAT2300 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CAT2300
http://onsemi.com
2
VREG
GND
Sense
KS
Kelvin
Gate
EN
250 mA
1
0
Figure 2. Simplified Block Diagram
IMEAS
+
VDD
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
1
Sense
Connects to Sense pin of SENSEFET and directs sensed current to IMEAS output.
2
KS
Kelvin Sense; a Kelvin connection for the current mirror control amplifier. This connection must be made
directly to Sense on the SENSEFET package. Do not share any trace length with CAT2300’s Sense lead.
3
Kelvin
Connects to Kelvin pin of the SENSEFET. Serves as the reference point for Sense lead biasing.
4
Gate
Connects to Gate of the SENSEFET and controls SENSEFET operation.
5
GND
Electrical ground for IC.
6
VDD
External voltage supply for driving the gate of the SENSEFET and power supply for CAT2300 internal
circuitry via an internal voltage regulator.
7
EN
Enable: High true logic input. Turns ON SENSEFET and CAT2300’s internal circuitry. A logic LOW on EN
grounds Gate, shutting off the SENSEFET and shuts down the internal current source and mirroring circuitry.
8
IMEAS
Sensed current output. A resistor between IMEAS and ground develops a voltage proportional to the
current flowing through the SENSEFET.
PAD
Backside paddle is internally connected to GND. This pad may be left floating but if connected with PCB it
must be to the ground plane of circuitry which is also grounded.
Table 2. ABSOLUTE MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
VDD
VDD
6.5
V
Gate
±15
mA
VK, EN, Sense, KS, Kelvin, IMEAS
6.5
V
Junction Temperature
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Guaranteed by design.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Value
Unit
VK
VK
0.9 to 1.5
V
VDD
VDD
5
V
Maximum Junction Temperature
TJUNCTION
125
°C
Ambient Temperature Range
TAMBIENT
−40 to +85
°C


Similar Part No. - CAT2300

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10J-20-TE13 CATALYST-CAT22C10J-20-TE13 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10J-20TE13 CATALYST-CAT22C10J-20TE13 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com