Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R2-30YLC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN3R2-30YLC
Description  NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R2-30YLC Datasheet(HTML) 6 Page - NXP Semiconductors

  PSMN3R2-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN3R2-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN3R2-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN3R2-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN3R2-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN3R2-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN3R2-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN3R2-30YLC Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
Comparing NextPower with a leading competitor
Benchmarking tests show that NextPower types deliver 1% efficiency gains compared to the nearest competitor types:
Test conditions
} Input Voltage: 12 V
} Output Voltage: 1.2 V
} 1 phase
} Frequency: 500 KHz
} Air flow: 200 LFM
0
5
10
15
20
25
30
PSMN4R0-25YLC/PSMN1R1-25YLC
Competitor
ILOAD (Amps)
Safe Operating Area comparison
0
1
2
3
4
5
6
7
8
9
10
NXP Trench 6 and previous generation
from competition
NXP NextPower and latest generation
from competition
NXP
Competitor 1
Competitor 2
Condition: SOA Drain current (Amp) @ V
ds=10 V, 10 ms pulse for a 5 mΩ (@ 10 V) in Power SO8
Why Choose LFPAK?
} Reduced electrical resistance and inductance
} Outstanding thermal performance
} Rugged design, qualified to AEC-Q101
(stringent automotive standard)
} Easy to handle, solder and inspect
} Power-SO8 footprint compatible


Similar Part No. - PSMN3R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN3R2-30YLC NEXPERIA-PSMN3R2-30YLC Datasheet
933Kb / 15P
   N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
logo
NXP Semiconductors
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC_15 Datasheet
352Kb / 15P
   N-channel 30 V 3.5m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
More results

Similar Description - PSMN3R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R8-30LL PHILIPS-PSMN3R8-30LL Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN1R2-30YLC NEXPERIA-PSMN1R2-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011
PSMN2R2-30YLC NEXPERIA-PSMN2R2-30YLC Datasheet
934Kb / 15P
   N-channel 30 V 2.15mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 02 - 3 May 2011
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC_15 Datasheet
351Kb / 15P
   N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC_15 Datasheet
352Kb / 15P
   N-channel 30 V 3.5m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
logo
Nexperia B.V. All right...
PSMN2R6-30YLC NEXPERIA-PSMN2R6-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN3R2-30YLC NEXPERIA-PSMN3R2-30YLC Datasheet
933Kb / 15P
   N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN4R1-30YLC NEXPERIA-PSMN4R1-30YLC Datasheet
750Kb / 14P
   N-channel 30 V 4.35mΩ logic level MOSFET in LFPAK using NextPower technology
12 February 2013
PSMN3R7-30YLC NEXPERIA-PSMN3R7-30YLC Datasheet
467Kb / 16P
   N-channel 30 V 3.95mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN6R5-25YLC NEXPERIA-PSMN6R5-25YLC Datasheet
903Kb / 15P
   N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com