Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBTA56-215 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBTA56-215
Description  PNP general purpose transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTA56-215 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBTA56-215 Datasheet HTML 1Page - NXP Semiconductors PMBTA56-215 Datasheet HTML 2Page - NXP Semiconductors PMBTA56-215 Datasheet HTML 3Page - NXP Semiconductors PMBTA56-215 Datasheet HTML 4Page - NXP Semiconductors PMBTA56-215 Datasheet HTML 5Page - NXP Semiconductors PMBTA56-215 Datasheet HTML 6Page - NXP Semiconductors PMBTA56-215 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Jan 09
2
NXP Semiconductors
Product data sheet
PNP general purpose transistor
PMBTA56
FEATURES
• High current (max. 500 mA)
• Low voltage (max. 80 V).
APPLICATIONS
• General purpose switching and amplification, e.g.
telephony and professional communication equipment.
DESCRIPTION
PNP transistor in a SOT23 plastic package.
NPN complement: PMBTA06.
MARKING
Note
1.
* = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
PMBTA56
*2G
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
2
1
3
MAM256
Top view
2
3
1
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Transistor mounted on an FR4 printed-circuit board.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PMBTA56
plastic surface mounted package; 3 leads
SOT23
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−80
V
VCEO
collector-emitter voltage
open base
−80
V
VEBO
emitter-base voltage
open collector
−5
V
IC
collector current (DC)
−500
mA
ICM
peak collector current
−1
A
IBM
peak base current
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PMBTA56-215

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBTA56-Q NEXPERIA-PMBTA56-Q Datasheet
215Kb / 11P
   PNP general purpose transistor
4 August 2021
More results

Similar Description - PMBTA56-215

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com