Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BPN4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BC847BPN4
Description  45 V, 100 mA NPN/PNP general-purpose transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC847BPN4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BC847BPN4 Datasheet HTML 6Page - NXP Semiconductors BC847BPN4 Datasheet HTML 7Page - NXP Semiconductors BC847BPN4 Datasheet HTML 8Page - NXP Semiconductors BC847BPN4 Datasheet HTML 9Page - NXP Semiconductors BC847BPN4 Datasheet HTML 10Page - NXP Semiconductors BC847BPN4 Datasheet HTML 11Page - NXP Semiconductors BC847BPN4 Datasheet HTML 12Page - NXP Semiconductors BC847BPN4 Datasheet HTML 13Page - NXP Semiconductors BC847BPN4 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BC847BPN_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 February 2009
11 of 14
NXP Semiconductors
BC847BPN
45 V, 100 mA NPN/PNP general-purpose transistor
10. Soldering
Fig 17. Reflow soldering footprint SOT363 (SC-88)
Fig 18. Wave soldering footprint SOT363 (SC-88)
solder lands
solder resist
occupied area
solder paste
sot363_fr
2.65
2.35
0.4 (2
×)
0.6
(2
×)
0.5
(4
×)
0.5
(4
×)
0.6
(4
×)
0.6
(4
×)
1.5
1.8
Dimensions in mm
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm


Similar Part No. - BC847BPN4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BPN NXP-BC847BPN Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Nexperia B.V. All right...
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
logo
Pan Jit International I...
BC847BPN-AU PANJIT-BC847BPN-AU Datasheet
376Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
More results

Similar Description - BC847BPN4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847QAPN NXP-BC847QAPN Datasheet
230Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
19 July 2013
logo
Nexperia B.V. All right...
BC847BVN NEXPERIA-BC847BVN Datasheet
200Kb / 9P
   45 V, 100 mA NPN/PNP general purpose transistor
27 December 2022
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
logo
NXP Semiconductors
BC847BPN NXP-BC847BPN Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BPNH-Q NEXPERIA-BC847BPNH-Q Datasheet
268Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC847BPNH NEXPERIA-BC847BPNH Datasheet
267Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
   45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
logo
Nexperia B.V. All right...
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com